Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH50A280-24 Datasheet (PDF) - TDK Electronics

PH50A280-24 Datasheet PDF - TDK Electronics
Part # PH50A280-24
Download  PH50A280-24 Download

File Size   132.87 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 50-150W, 200 to 425VDC Input DC-DC Converters

PH50A280-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH50A280-24 Datasheet PDF - TDK Electronics

Part # PH50A280-24
Download  PH50A280-24 Click to download

File Size   132.87 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 50-150W, 200 to 425VDC Input DC-DC Converters

PH50A280-24 Datasheet (HTML) - TDK Electronics

PH50A280-24 Datasheet HTML 1Page - TDK Electronics PH50A280-24 Datasheet HTML 2Page - TDK Electronics



Similar Part No. - PH50A280-24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH50A280-24 TDK-PH50A280-24 Datasheet
202Kb / 2P
   DC-DC Converters
PH50A280-24-T TDK-PH50A280-24-T Datasheet
202Kb / 2P
   DC-DC Converters
PH50A280-24/T TDK-PH50A280-24/T Datasheet
202Kb / 2P
   DC-DC Converters
More results


Similar Description - PH50A280-24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH1200A280 TDK-PH1200A280 Datasheet
1Mb / 5P
   1200W, 200 to 425VDC Input DC-DC Converters
January 13th, 2023 V1
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
Artesyn Technologies
BXB150 ARTESYN-BXB150 Datasheet
51Kb / 2P
   100-150W Wide Input DC/DC Converters
logo
TDK Electronics
CN-B110 TDK-CN-B110 Datasheet
812Kb / 4P
   200-300W, 43 to 160V Input DC-DC Converters
April 29th, 2022 V2
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
   POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
logo
TDK Electronics
CN-A24 TDK-CN-A24 Datasheet
112Kb / 2P
   50 & 100W 14.4 to 36VDC Input DC-DC Converters
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
   50 to 60 Watt Wide input DC/DC converters
logo
Toppower Electronic Tec...
TP100 TOPPOWER-TP100 Datasheet
743Kb / 3P
   100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com