Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP60CA Datasheet (PDF) - Littelfuse

5KP60CA Datasheet PDF - Littelfuse
Part # 5KP60CA
Download  5KP60CA Download

File Size   980.04 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes

5KP60CA Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP60CA Datasheet PDF - Littelfuse

Part # 5KP60CA
Download  5KP60CA Click to download

File Size   980.04 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes

5KP60CA Datasheet (HTML) - Littelfuse

5KP60CA Datasheet HTML 1Page - Littelfuse 5KP60CA Datasheet HTML 2Page - Littelfuse 5KP60CA Datasheet HTML 3Page - Littelfuse 5KP60CA Datasheet HTML 4Page - Littelfuse 5KP60CA Datasheet HTML 5Page - Littelfuse 5KP60CA Datasheet HTML 6Page - Littelfuse

5KP60CA Product details

Transient Voltage Suppression Diodes
Axial Leaded – 5000W > 5KP series

Description
The 5KP Series is designed specifcally to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
• 5000W peak pulse capability at 10/1000μs waveform, repetition rate (duty cycles):0.01%
• Glass passivated chip junction in P600 package
• Fast response time: typically less than 1.0ps from 0 Volts to BV min
• Excellent clamping capability
• Typical failure mode is short from over-specifed voltage or current
• Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c
• IEC-61000-4-2 ESD 30kV(Air), 30kV (Contact)
• ESD protection of data lines in accordance with IEC 61000-4-2
• EFT protection of data lines in accordance with IEC 61000-4-4
• Low incremental surge resistance
• Typical IR less than 2μA when VBR min>12V
• High temperature to reflow soldering guaranteed:
   260°C/40sec / 0.375”, (9.5mm) lead length, 5 lbs., (2.3kg) tension
• VBR @ TJ= VBR@25°C x (1+αT x (T J - 25))
   (αT:Temperature Coeffcient, typical value is 0.1%)
• Plastic package is flammability rated V-0 per Underwriters Laboratories
• Matte tin lead–free plated
• Halogen free and RoHS compliant
• Pb-free E3 means 2nd level interconnect is
   Pb-free and the terminal fnish material is tin(Sn) (IPC/JEDEC J-STD-
  
Applications
   TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications.




Similar Part No. - 5KP60CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP60CA SURGE-5KP60CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP60CA LUGUANG-5KP60CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
CHENG-YI ELECTRONIC CO....
5KP60CA CHENG-YI-5KP60CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
5KP60CA SUNMATE-5KP60CA Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP60CA SUNMATE-5KP60CA Datasheet
1Mb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Similar Description - 5KP60CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com