Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80743AN Datasheet (PDF) - Seiko Instruments Inc

S-80743AN Datasheet PDF - Seiko Instruments Inc
Part # S-80743AN
Download  S-80743AN Download

File Size   336.37 Kbytes
Page   42 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH-PRECISION VOLTAGE DETECTOR

S-80743AN Datasheet (PDF)

Go To PDF Page Download Datasheet
S-80743AN Datasheet PDF - Seiko Instruments Inc

Part # S-80743AN
Download  S-80743AN Click to download

File Size   336.37 Kbytes
Page   42 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH-PRECISION VOLTAGE DETECTOR

S-80743AN Datasheet (HTML) - Seiko Instruments Inc

Back Button S-80743AN Datasheet HTML 1Page - Seiko Instruments Inc S-80743AN Datasheet HTML 2Page - Seiko Instruments Inc S-80743AN Datasheet HTML 3Page - Seiko Instruments Inc S-80743AN Datasheet HTML 4Page - Seiko Instruments Inc S-80743AN Datasheet HTML 5Page - Seiko Instruments Inc S-80743AN Datasheet HTML 6Page - Seiko Instruments Inc S-80743AN Datasheet HTML 7Page - Seiko Instruments Inc S-80743AN Datasheet HTML 8Page - Seiko Instruments Inc S-80743AN Datasheet HTML 9Page - Seiko Instruments Inc S-80743AN Datasheet HTML 10Page - Seiko Instruments Inc Next Button 

S-80743AN Product details

The S-807 Series is an adjustment-free high-precision voltage detector made using the CMOS process. The output voltage is fixed internally, with an accuracy of ±2.4%. Two output types are available, Nch open drain and CMOS output (active “H” and “L”), both of which have various product lineups. This series features much lower current consumption and higher detection voltage accuracy than the S-805 Series. Super miniature package is added for the S-807 Series, the S-807XXSX Series. This small SOT-23-5 style package allows the designer to shrink the size of his finished product. Electrical specs for the S-807XXSX Series are the same as the standard S-807 Series. Output forms of the S-807XXSX Series are Nch open-drain and CMOS active “L”.



Features

• Ultra-low current consumption

   1.0 µA typ. (VDD=4.5 V)

• High-precision detection voltage ±2.4%

• Wide operating voltage range 1.0 to 15 V

• Good hysteresis characteristics 5% typ.

• Wide operating temperature range -30°C to+80°C

• 3 output forms : Nch open-drain, CMOS output active H , active L

• TO-92, SOT-89-3 and SOT-23-5 package



Applications

• Battery checker

• Battery backup for memories

• Power failure detector

• Reset for microcomputer

• Store signal detector for non volatile RAM



 




Similar Part No. - S-80743AN

ManufacturerPart #DatasheetDescription
logo
DONGABESTECH.
S-80 DONGABESTECH-S-80 Datasheet
784Kb / 1P
   A2F CABLE GLAND
logo
Cooper Bussmann, Inc.
S-8000 COOPER-S-8000 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   S-8000 Series
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results


Similar Description - S-80743AN

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com