Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2227 Datasheet (PDF) - TriQuint Semiconductor

TGA2227 Datasheet PDF - TriQuint Semiconductor
Part # TGA2227
Download  TGA2227 Download

File Size   1248.87 Kbytes
Page   16 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2??2 GHz GaN Low Noise Amplifier

TGA2227 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2227 Datasheet PDF - TriQuint Semiconductor

Part # TGA2227
Download  TGA2227 Click to download

File Size   1248.87 Kbytes
Page   16 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2??2 GHz GaN Low Noise Amplifier

TGA2227 Datasheet (HTML) - TriQuint Semiconductor

Back Button TGA2227 Datasheet HTML 1Page - TriQuint Semiconductor TGA2227 Datasheet HTML 2Page - TriQuint Semiconductor TGA2227 Datasheet HTML 3Page - TriQuint Semiconductor TGA2227 Datasheet HTML 4Page - TriQuint Semiconductor TGA2227 Datasheet HTML 5Page - TriQuint Semiconductor TGA2227 Datasheet HTML 6Page - TriQuint Semiconductor TGA2227 Datasheet HTML 7Page - TriQuint Semiconductor TGA2227 Datasheet HTML 8Page - TriQuint Semiconductor TGA2227 Datasheet HTML 9Page - TriQuint Semiconductor TGA2227 Datasheet HTML 10Page - TriQuint Semiconductor Next Button 



Similar Part No. - TGA2227

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2227-SM QORVO-TGA2227-SM Datasheet
900Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
TGA2227-SM QORVO-TGA2227-SM Datasheet
912Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
Nov. 2021
TGA2227-SMEVB02 QORVO-TGA2227-SMEVB02 Datasheet
900Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
TGA2227-SMEVB02 QORVO-TGA2227-SMEVB02 Datasheet
912Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
Nov. 2021
TGA2227-SMTR7 QORVO-TGA2227-SMTR7 Datasheet
900Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
More results


Similar Description - TGA2227

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
   2-26 GHz GaN Low Noise Amplifier
logo
Qorvo, Inc
TGA2227-SM QORVO-TGA2227-SM Datasheet
900Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
TGA2227-SM QORVO-TGA2227-SM_V01 Datasheet
912Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
Nov. 2021
QPA2213 QORVO-QPA2213 Datasheet
995Kb / 28P
   2 ??20 GHz 2 Watt GaN Amplifier
June 5, 2020
QPA2213D QORVO-QPA2213D Datasheet
911Kb / 28P
   2 ??20 GHz 2 Watt GaN Amplifier
logo
Teledyne Technologies I...
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
   Low Noise Amplifier 2 GHz - 18 GHz
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-18-2003 TELEDYNE-TLA-18-2003 Datasheet
893Kb / 2P
   Low Noise Amplifier 2 GHz - 18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com