Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29301 Datasheet (PDF) - Sipex Corporation

SPX29301 Datasheet PDF - Sipex Corporation
Part # SPX29301
Download  SPX29301 Download

File Size   177.36 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time

SPX29301 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX29301 Datasheet PDF - Sipex Corporation

Part # SPX29301
Download  SPX29301 Click to download

File Size   177.36 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time

SPX29301 Datasheet (HTML) - Sipex Corporation

Back Button SPX29301 Datasheet HTML 1Page - Sipex Corporation SPX29301 Datasheet HTML 2Page - Sipex Corporation SPX29301 Datasheet HTML 3Page - Sipex Corporation SPX29301 Datasheet HTML 4Page - Sipex Corporation SPX29301 Datasheet HTML 5Page - Sipex Corporation SPX29301 Datasheet HTML 6Page - Sipex Corporation SPX29301 Datasheet HTML 7Page - Sipex Corporation SPX29301 Datasheet HTML 8Page - Sipex Corporation SPX29301 Datasheet HTML 9Page - Sipex Corporation SPX29301 Datasheet HTML 10Page - Sipex Corporation Next Button 

SPX29301 Product details

DESCRIPTION
The SPX29300/01/02/03 are 3A, highly accurate voltage regulators with a low drop out voltage of 450mV dropout (typical) @ 3A. These regulators are specifically designed for low voltage applications that require a low dropout voltage and a fast transient response. They are fully fault protected against over-current, reverse battery, and positive and negative voltage transients. On-Chip trimming adjusts the reference voltage to 1% initial accuracy. Other features in the 5 pin versions include Enable, and Error Flag.

FEATURES
■ Adjustable Output Down To 1.25V
■ 1% Output Accuracy
■ Output Current of 3A
■ Low Dropout Voltage of 450mV @ 3A
■ Extremely Tight Load and Line Regulation
■ Extremely Fast Transient Response
■ Reverse-Battery Protection
■ Zero Current Shutdown (5 pin version)
■ Error Flag Signal Output for Out of Regulation State (5 pin version)
■ Standard TO-220 and TO-263 Packages

APPLICATIONS
■ Powering VGA & Sound Card
■ Power PC™ Supplies
■ SMPS Post Regulator
■ High Efficiency “Green” Computer Systems
■ High Efficiency Linear Power Supplies
■ Constant Current Regulators
■ Adjustable Power Supplies
■ Battery Charger



Similar Part No. - SPX29301

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29301 EXAR-SPX29301 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX29301 EXAR-SPX29301 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
More results


Similar Description - SPX29301

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29302A SIPEX-SPX29302A Datasheet
57Kb / 7P
   3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com