Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2967 Datasheet (PDF) - Sipex Corporation

SPX2967 Datasheet PDF - Sipex Corporation
Part # SPX2967
Download  SPX2967 Download

File Size   98.71 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 400mA Low Dropout Voltage Regulator

SPX2967 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2967 Datasheet PDF - Sipex Corporation

Part # SPX2967
Download  SPX2967 Click to download

File Size   98.71 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 400mA Low Dropout Voltage Regulator

SPX2967 Datasheet (HTML) - Sipex Corporation

Back Button SPX2967 Datasheet HTML 1Page - Sipex Corporation SPX2967 Datasheet HTML 2Page - Sipex Corporation SPX2967 Datasheet HTML 3Page - Sipex Corporation SPX2967 Datasheet HTML 4Page - Sipex Corporation SPX2967 Datasheet HTML 5Page - Sipex Corporation SPX2967 Datasheet HTML 6Page - Sipex Corporation SPX2967 Datasheet HTML 7Page - Sipex Corporation SPX2967 Datasheet HTML 8Page - Sipex Corporation SPX2967 Datasheet HTML 9Page - Sipex Corporation SPX2967 Datasheet HTML 10Page - Sipex Corporation Next Button 

SPX2967 Product details

DESCRIPTION
Sipex’s SPX2967 is a 5 volt low dropout voltage regulator for automotive applications. It supplies output current at 400mA. The IC has short-circuit protection and has an overtemperature protection circuit. The part is available in 7 pin TO-220 and TO-263 packages.

FEATURES
■ Output voltage tolerance ≤ 2%
■ 400mA current capability
■ Low Dropout Voltage
■ Very low standby current consumption
■ Input voltage up to 40V
■ Overvoltage protection up to 60V (≤ 400ms)
■ Reset function down to 1V output voltage
■ ESD protection up to 2000V
■ Adjustable reset time
■ On/Off logic
■ Over temperature protection
■ Reverse polarity protection
■ Short-circuit protection
■ Wide temperature range

APPLICATIONS
■ Automotive
■ Industrial
■ Wireless Base Station



Similar Part No. - SPX2967

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2969S SIPEX-SPX2969S Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2969S/TR SIPEX-SPX2969S/TR Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2969S1/TR SIPEX-SPX2969S1/TR Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2969W1 SIPEX-SPX2969W1 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
More results


Similar Description - SPX2967

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com