Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2969 Datasheet (PDF) - Sipex Corporation

SPX2969 Datasheet PDF - Sipex Corporation
Part # SPX2969
Download  SPX2969 Download

File Size   87.74 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 150mA Low Dropout Voltage Regulator

SPX2969 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2969 Datasheet PDF - Sipex Corporation

Part # SPX2969
Download  SPX2969 Click to download

File Size   87.74 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 150mA Low Dropout Voltage Regulator

SPX2969 Datasheet (HTML) - Sipex Corporation

SPX2969 Datasheet HTML 1Page - Sipex Corporation SPX2969 Datasheet HTML 2Page - Sipex Corporation SPX2969 Datasheet HTML 3Page - Sipex Corporation SPX2969 Datasheet HTML 4Page - Sipex Corporation SPX2969 Datasheet HTML 5Page - Sipex Corporation SPX2969 Datasheet HTML 6Page - Sipex Corporation SPX2969 Datasheet HTML 7Page - Sipex Corporation SPX2969 Datasheet HTML 8Page - Sipex Corporation SPX2969 Datasheet HTML 9Page - Sipex Corporation

SPX2969 Product details

DESCRIPTION
Sipex’s SPX2969 is a low dropout linear regulator with integrated PNP pass transistor. The part is designed for automotive environment, and thus can withstand up to 45V and 125°C temperature range. The output voltage is set at a fixed 5V, and the part is guaranteed to deliver at least 150mA. The SPX2969 provides multiple protection mechanisms, including overtemperature and over-current conditions. The part has a built-in reset circuit to monitor when the output voltage is below 4.65V. The reset voltage threshold can be programmed down to 3.5V using an external resistor voltage divider, while the reset timing can be programmed via an external capacitor.

FEATURES
■ 5V Fixed Output
■ 150mA current capability
■ 250mV Dropout
■ Programmable Reset Threshold
■ 250µA Quiescent Current
■ Over Temperature Protection
■ Reverse Polarity Protection
■ Integrated Pull Up Resistor on Logic Outputs
■ -40° to 125°C Operating Range
■ Available in 8 Pin and 14 Pin nSOIC or 20 Pin wSOIC packages.

APPLICATIONS
■ Automotive
■ Industrial
■ Wireless Base Station



Similar Part No. - SPX2969

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
SPX2967T SIPEX-SPX2967T Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
SPX2967U SIPEX-SPX2967U Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
More results


Similar Description - SPX2969

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
   150mA Low Dropout Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com