Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

190MS8E Datasheet (PDF) - Hittite Microwave Corporation

190MS8E Datasheet PDF - Hittite Microwave Corporation
Part # 190MS8E
Download  190MS8E Download

File Size   176.84 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SPDT SWITCH DC - 3 GHz

190MS8E Datasheet (PDF)

Go To PDF Page Download Datasheet
190MS8E Datasheet PDF - Hittite Microwave Corporation

Part # 190MS8E
Download  190MS8E Click to download

File Size   176.84 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SPDT SWITCH DC - 3 GHz

190MS8E Datasheet (HTML) - Hittite Microwave Corporation

190MS8E Datasheet HTML 1Page - Hittite Microwave Corporation 190MS8E Datasheet HTML 2Page - Hittite Microwave Corporation 190MS8E Datasheet HTML 3Page - Hittite Microwave Corporation 190MS8E Datasheet HTML 4Page - Hittite Microwave Corporation 190MS8E Datasheet HTML 5Page - Hittite Microwave Corporation 190MS8E Datasheet HTML 6Page - Hittite Microwave Corporation

190MS8E Product details

General Description
The HMC190MS8 & HMC190MS8E are low cost SPDT switches in 8-lead MSOP packages. The switch can control signals from DC to 3.0 GHz. It is especially suited for low and medium power applications using positive control voltages. The two control voltages require a minimal amount of DC current, which is optimal for battery powered radio systems at 0.9, 1.9, and 2.4 GHz. The HMC190MS8 & HMC190MS8E designs provides exceptional third order intermodulation performance of +50 dBm. The design has been optimized for the small MSOP package, and maintains a VSWR of better than 1.2:1 up to 2 GHz. This device is the positive control MSOP8 packaged version of our HMC239S8 negative control device.

Features
   Low Insertion Loss: 0.4dB
   Ultra Small Package: MSOP8
   High Input IP3: +50 dBm
   Positive Control: 0/+3V @ 10 uA

Typical Applications
The HMC190MS8 / HMC190MS8E is ideal for:
• MMDS & WirelessLAN
• Portable Wireless




Similar Part No. - 190MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
190MS8E HITTITE-190MS8E Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
More results


Similar Description - 190MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8_06 Datasheet
232Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8_08 Datasheet
178Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC545A AD-HMC545A Datasheet
341Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC545 HITTITE-HMC545 Datasheet
271Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com