Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB3 Datasheet (PDF) - Microdiode Electronics (Jiangsu) Co.,Ltd.

DB3 Datasheet PDF - Microdiode Electronics (Jiangsu) Co.,Ltd.
Part # DB3
Download  DB3 Download

File Size   591.17 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.
Description BIDIRECTIONAL TRIGGER DIODE

DB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB3 Datasheet PDF - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # DB3
Download  DB3 Click to download

File Size   591.17 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.
Description BIDIRECTIONAL TRIGGER DIODE

DB3 Datasheet (HTML) - Microdiode Electronics (Jiangsu) Co.,Ltd.

DB3 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. DB3 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

DB3 Product details

Reverse Voltage - 32 Volts Power: 150mW

FEATURES
♦ The plastic package
♦ VBO:28-36V version
♦ Low breakover current
♦ High temperature soldering guaranteed
   250°C/10 seconds,0.375”(9.5mm) lead length,
   5 lbs. (2.3kg) tension




Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
   TRIGGER DIODES
logo
Shanghai Shunye Electro...
DB3 SHUNYE-DB3 Datasheet
462Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Yangzhou yangjie electr...
DB3 YANGJIE-DB3 Datasheet
536Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
EIC discrete Semiconduc...
DB3 EIC-DB3 Datasheet
114Kb / 1P
   SILICON BI-DIRECTIONAL DIACS
Rev. 03: December 7, 2006
logo
Micro Commercial Compon...
DB3 MCC-DB3 Datasheet
537Kb / 3P
   SILICON BIDIRECTIONAL DIAC
More results


Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
DB3 SY-DB3 Datasheet
234Kb / 2P
   BIDIRECTIONAL TRIGGER DIODE
logo
Diotech Company.
DB3 DIOTECH-DB3 Datasheet
1Mb / 3P
   BIDIRECTIONAL TRIGGER DIODE
logo
Microdiode Electronics ...
SMADB3 CHENDA-SMADB3 Datasheet
550Kb / 2P
   BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3_17 Datasheet
597Kb / 2P
   BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
   BIDIRECTIONAL TRIGGER DIODE
logo
Diotech Company.
LLDB3 DIOTECH-LLDB3 Datasheet
1Mb / 3P
   BIDIRECTIONAL TRIGGER DIODE
logo
Microdiode Electronics ...
SMADB3 CHENDA-SMADB3_17 Datasheet
601Kb / 2P
   BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3 Datasheet
557Kb / 2P
   BIDIRECTIONAL TRIGGER DIODE
logo
Diotech Company.
DB4 DIOTECH-DB4 Datasheet
1Mb / 3P
   BIDIRECTIONAL TRIGGER DIODE
logo
Microdiode Electronics ...
DB3 CHENDA-DB3_17 Datasheet
646Kb / 2P
   BIDIRECTIONAL TRIGGER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com