Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HK10A-3 Datasheet (PDF) - DENSEI-LAMBDA

HK10A-3 Datasheet PDF - DENSEI-LAMBDA
Part # HK10A-3
Download  HK10A-3 Download

File Size   317.21 Kbytes
Page   3 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 10W~150W?

HK10A-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HK10A-3 Datasheet PDF - DENSEI-LAMBDA

Part # HK10A-3
Download  HK10A-3 Click to download

File Size   317.21 Kbytes
Page   3 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 10W~150W?

HK10A-3 Datasheet (HTML) - DENSEI-LAMBDA

HK10A-3 Datasheet HTML 1Page - DENSEI-LAMBDA HK10A-3 Datasheet HTML 2Page - DENSEI-LAMBDA HK10A-3 Datasheet HTML 3Page - DENSEI-LAMBDA

HK10A-3 Product details

Features
● Compact size/Standard power supply
    Input: 85 ~ 132VAC
    Height: 68mm (10 ~ 50W type)
● 30 models
    3.3V output type is also lined up.
● Option: Cover
● 3 year warranty




Similar Part No. - HK10A-3

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK1005 TAIYO-YUDEN-HK1005 Datasheet
107Kb / 2P
   MULTILAYER CHIP INDUCTOR FOR HIGH FREQUENCY HK SERIES
HK1005 TAIYO-YUDEN-HK1005 Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK100510N-T TAIYO-YUDEN-HK100510N-T Datasheet
659Kb / 32P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK100510N-T TAIYO-YUDEN-HK100510N-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK100510N-T TAIYO-YUDEN-HK100510N-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
More results


Similar Description - HK10A-3

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
VS100B LAMBDA-VS100B Datasheet
234Kb / 3P
   Single output 10W~150W?
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
HWS-A TDK-HWS-A Datasheet
1Mb / 56P
   Single Output 15W 節?150W
logo
Mean Well Enterprises C...
NSD10-S MEANWELL-NSD10-S Datasheet
590Kb / 2P
   10W DC-DCRegulated Single Output
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com