Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GEN150-5 Datasheet (PDF) - DENSEI-LAMBDA

GEN150-5 Datasheet PDF - DENSEI-LAMBDA
Part # GEN150-5
Download  GEN150-5 Download

File Size   184.06 Kbytes
Page   7 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Programmable DC Power Supplies 750W/1500W

GEN150-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
GEN150-5 Datasheet PDF - DENSEI-LAMBDA

Part # GEN150-5
Download  GEN150-5 Click to download

File Size   184.06 Kbytes
Page   7 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Programmable DC Power Supplies 750W/1500W

GEN150-5 Datasheet (HTML) - DENSEI-LAMBDA

GEN150-5 Datasheet HTML 1Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 2Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 3Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 4Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 5Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 6Page - DENSEI-LAMBDA GEN150-5 Datasheet HTML 7Page - DENSEI-LAMBDA

GEN150-5 Product details

The GenesysTM family of programmable power supplies sets a new standard for flexible, reliable, AC/DC power systems in OEM, Industrial and Laboratory applications.

Features include:
• Highest Power Density available 1500W in 1U
• Wide Range Input 85 - 265Vac Continuous, single phase, 47/63Hz
• Active Power Factor Correction 0.99
• Output up to 600V, Current up to 200A
• Built in RS232/RS485 Interface
• Software Calibration
• Last Setting Memory
• High Resolution 16 bits ADCs & DACs
• Reliable Encoders for Voltage and Current Adjustment
• Constant Voltage/Constant Current auto crossover
• Parallel Operation with Active Current Sharing
• Independent Remote ON/OFF and Remote Enable/Disable
• External Analog Programming and Monitoring
• Reliable Modular and SMT Design
• 19" Rack Mounted ATE and OEM applications
• Five Year Warranty
• Optional Isolated Analog Programming and Monitoring
• Optional GPIB (SCPI) Interface
• LabView® drivers ( LabView® is registered trademark of National Instruments Corporation )
    Worldwide Safety Agency Approvals CE Mark for LVD and EMC Regulation




Similar Part No. - GEN150-5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GEN150-5 TDK-GEN150-5 Datasheet
111Kb / 2P
   Programmable Power Supplies
More results


Similar Description - GEN150-5

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
B&K Precision Corporati...
9120A BK-9120A Datasheet
800Kb / 3P
   Programmable DC Power Supplies
logo
Keysight Technologies
E3633A KEYSIGHT-E3633A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3632A KEYSIGHT-E3632A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3645A KEYSIGHT-E3645A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
List of Unclassifed Man...
1785A ETC2-1785A Datasheet
109Kb / 1P
   Programmable DC Power Supplies
logo
Keysight Technologies
E36105A KEYSIGHT-E36105A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36106A KEYSIGHT-E36106A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3642A KEYSIGHT-E3642A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com