Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY12361-350LF Datasheet (PDF) - Skyworks Solutions Inc.

SKY12361-350LF Datasheet PDF - Skyworks Solutions Inc.
Part # SKY12361-350LF
Download  SKY12361-350LF Download

File Size   1436.94 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.1 to 3.7 GHz Four-Bit Digital Attenuator

SKY12361-350LF Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY12361-350LF Datasheet PDF - Skyworks Solutions Inc.

Part # SKY12361-350LF
Download  SKY12361-350LF Click to download

File Size   1436.94 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.1 to 3.7 GHz Four-Bit Digital Attenuator

SKY12361-350LF Datasheet (HTML) - Skyworks Solutions Inc.

SKY12361-350LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY12361-350LF Datasheet HTML 9Page - Skyworks Solutions Inc.



Similar Part No. - SKY12361-350LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12322-86LF SKYWORKS-SKY12322-86LF Datasheet
563Kb / 6P
   GaAs Digital Attenuator 500 MHz-4 GHz 5 Bits, 0.5 dB LSB
SKY12323-303LF SKYWORKS-SKY12323-303LF Datasheet
484Kb / 6P
   GaAs Digital Attenuator 500 MHz-3 GHz 5 Bits, 1 dB LSB
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
   GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
SKY12324-73LF SKYWORKS-SKY12324-73LF Datasheet
264Kb / 6P
   GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
SKY12325-350LF SKYWORKS-SKY12325-350LF Datasheet
509Kb / 4P
   3-Bit Digital Attenuator 500 MHz-6 GHz, 1 dB LSB
More results


Similar Description - SKY12361-350LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12348-350LF SKYWORKS-SKY12348-350LF Datasheet
703Kb / 11P
   0.1-3.0 GHz Four-Bit Digital Attenuator (1 dB LSB)
logo
Tyco Electronics
MAATGM0004 MACOM-MAATGM0004 Datasheet
230Kb / 6P
   Attenuator, Digital, 5-Bit 0.1 - 20.0 GHz
logo
Analog Devices
HMC-C584 AD-HMC-C584 Datasheet
232Kb / 9P
   0.1 GHz to 40 GHz, 31 dB, 5-Bit Digital Attenuator
ADH941S AD-ADH941S Datasheet
351Kb / 8P
   0.1 GHz to 30 GHz Digital Attenuator Die
ADH939S AD-ADH939S Datasheet
333Kb / 8P
   0.1 GHz to 40 GHz Digital Attenuator Die
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
   0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
HMC470A AD-HMC470A Datasheet
373Kb / 11P
   0.1 GHz to 3 GHz,1 dB LSB, 5-Bit, GaAs Digital Attenuator
HMC624A AD-HMC624A Datasheet
578Kb / 15P
   0.1 GHz to 6.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
HMC424ACHIPS AD-HMC424ACHIPS Datasheet
285Kb / 11P
   0.1 GHz to 13.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8_08 Datasheet
190Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com