Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR35-2 Datasheet (PDF) - DENSEI-LAMBDA

SR35-2 Datasheet PDF - DENSEI-LAMBDA
Part # SR35-2
Download  SR35-2 Download

File Size   374.45 Kbytes
Page   4 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 20W ~ 660W?

SR35-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR35-2 Datasheet PDF - DENSEI-LAMBDA

Part # SR35-2
Download  SR35-2 Click to download

File Size   374.45 Kbytes
Page   4 Pages
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA
Description Single output 20W ~ 660W?

SR35-2 Datasheet (HTML) - DENSEI-LAMBDA

SR35-2 Datasheet HTML 1Page - DENSEI-LAMBDA SR35-2 Datasheet HTML 2Page - DENSEI-LAMBDA SR35-2 Datasheet HTML 3Page - DENSEI-LAMBDA SR35-2 Datasheet HTML 4Page - DENSEI-LAMBDA

SR35-2 Product details

Features
● CE marking (Low Voltage Directive)
● Long life and high reliability
   Lifetime: 10 years or more, 40°C at full load
   (Internal fan is spare part)
● Wide operating temperature range: –20 ~ +71°C
● Input voltage range: 85 ~ 132VAC /170 ~ 265VAC
● 77 models, 15W ~ 660W
● 5 year warranty




Similar Part No. - SR35-2

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR35-T1 WTE-SR35-T1 Datasheet
48Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR35-T3 WTE-SR35-T3 Datasheet
48Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR35-T3 WTE-SR35-T3 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Similar Description - SR35-2

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ODM20-SC ETA-USA-ODM20-SC Datasheet
1Mb / 4P
   20W DC/DC Single Output
logo
SL Power Electronics
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
logo
SL Power Electronics
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
PLN-20 MEANWELL-PLN-20 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_11 Datasheet
186Kb / 3P
   20W Single Output LED Power Supply
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com