Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF9C-31S-1V Datasheet (PDF) - Hirose Electric

DF9C-31S-1V Datasheet PDF - Hirose Electric
Part # DF9C-31S-1V
Download  DF9C-31S-1V Download

File Size   275.52 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)

DF9C-31S-1V Datasheet (PDF)

Go To PDF Page Download Datasheet
DF9C-31S-1V Datasheet PDF - Hirose Electric

Part # DF9C-31S-1V
Download  DF9C-31S-1V Click to download

File Size   275.52 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)

DF9C-31S-1V Datasheet (HTML) - Hirose Electric

DF9C-31S-1V Datasheet HTML 1Page - Hirose Electric DF9C-31S-1V Datasheet HTML 2Page - Hirose Electric DF9C-31S-1V Datasheet HTML 3Page - Hirose Electric DF9C-31S-1V Datasheet HTML 4Page - Hirose Electric DF9C-31S-1V Datasheet HTML 5Page - Hirose Electric DF9C-31S-1V Datasheet HTML 6Page - Hirose Electric DF9C-31S-1V Datasheet HTML 7Page - Hirose Electric DF9C-31S-1V Datasheet HTML 8Page - Hirose Electric

DF9C-31S-1V Product details

■Features

1. Compliant with the VESA FPDI-1 Standard Interface Connector

   The 31 and 41 contact connectors comply with the standard connector specification for the flat panel display interface, which U.S VESA. has selected as FPDI-1.

   VESA: Video Electronics Standards Association

   FPDI-1: Flat Panel Display Interface

2. Perfect Mis-insertion Prevention

   The mating area is designed in a trapezoidal structure, and perfectly prevents the mis-insertion despite the miniature size.

3. Equipped with Easy Lock Mechanism

   The easy lock mechanism assures the firm insertion and extraction properties as well as the insertion/extraction feeling touch.

4. Smooth Insertion and Extraction Feeling

   The contact is constructed without the material fragible surface in the contact portion, and provides a smooth insertion and use feeling.

5. Setting Two Type Platings as Standard

   Two type platings, tin plated and gold plated, are prepared, and either appropriate plating can be selected under cost and use conditions.

  

■Applications

LCD (Liquid Crystal Display), Mobile phone, Note PC



 




Similar Part No. - DF9C-31S-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-09P-1V HIROSE-DF9-09P-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11P-1V HIROSE-DF9-11P-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11S-1V HIROSE-DF9-11S-1V Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-11S-1V HIROSE-DF9-11S-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
More results


Similar Description - DF9C-31S-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF15 ETC1-DF15 Datasheet
366Kb / 11P
   0.65mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com