Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF22-4S-7.92C Datasheet (PDF) - Hirose Electric

DF22-4S-7.92C Datasheet PDF - Hirose Electric
Part # DF22-4S-7.92C
Download  DF22-4S-7.92C Download

File Size   569.75 Kbytes
Page   15 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)

DF22-4S-7.92C Datasheet (PDF)

Go To PDF Page Download Datasheet
DF22-4S-7.92C Datasheet PDF - Hirose Electric

Part # DF22-4S-7.92C
Download  DF22-4S-7.92C Click to download

File Size   569.75 Kbytes
Page   15 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)

DF22-4S-7.92C Datasheet (HTML) - Hirose Electric

Back Button DF22-4S-7.92C Datasheet HTML 1Page - Hirose Electric DF22-4S-7.92C Datasheet HTML 2Page - Hirose Electric DF22-4S-7.92C Datasheet HTML 3Page - Hirose Electric DF22-4S-7.92C Datasheet HTML 4Page - Hirose Electric DF22-4S-7.92C Datasheet HTML 5Page - Hirose Electric DF22-4S-7.92C Datasheet HTML 6Page - Hirose Electric DF22-4S-7.92C Datasheet HTML 7Page - Hirose Electric DF22-4S-7.92C Datasheet HTML 8Page - Hirose Electric DF22-4S-7.92C Datasheet HTML 9Page - Hirose Electric DF22-4S-7.92C Datasheet HTML 10Page - Hirose Electric Next Button 

DF22-4S-7.92C Product details

■ Features
1. 30 A maximum current
   Single position connector can carry current of 30 A with #10 AWG conductor. Please refer to Table #1 for current ratings for multi position connectors using other conductor sizes.
2. Complete Locking Function
   Reliable interior lock protects mated connectors from accidental disconnection.
3. Prevention of Incorrect Connections
   To prevent incorrect connection when using multiple connectors having the same Number of contacts, 3 product types having different mating configurations are available.
4. Molded-in contact retention tabs
   Handling of terminated contacts during the crimping is easier and avoids entangling of wires, since there are no protruding metal tabs.
5. Prevention of incorrect board placement
   Built-in posts assure correct connector placement and orientation on the board.
6. Supports encapsulation
   Connectors can be encapsulated up to 10 mm without affecting the performance.
7. Prevention of Short Circuits Between Adjacent Contacts
   Each Contact is completely surrounded by the insulator housing electrically isolating it from adjacent contacts.
8. Increased Retention Force of Crimped Contacts and confirmation of complete contact insertion
   Separate contact retainers are provided for applications where extreme pull-out forces may be applied against the wire or when a visual confirmation of the full contact insertion is required.
9. Full Line of Crimp Socket Contacts
   Realizing the market needs for multitude of different applications, Hirose has developed several variants of crimp socket contacts and housings. Continuous development is adding different variations. Contact your nearest Hirose Electric representative for latest developments.
10. In-line Connections
   Connectors can be ordered for in-line cable connections. In addition, assemblies can be placed next to each other allowing 4 position total (2 ∞ 2) in a small space.
11. Listed by UL, C-UL, and TÜV.

■ Applications
  Office equipment, power supplies for industrial, medical and instrumentation applications, variety of consumer electronic, and electrical applications.




Similar Part No. - DF22-4S-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-4S-7.92C HIROSE-DF22-4S-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-4S-7.92C(28) HIROSE-DF22-4S-7.92C(28) Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
DF22-4S-7.92C28 HIROSE-DF22-4S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
More results


Similar Description - DF22-4S-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com