Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB1002 Datasheet (PDF) - Diotec Semiconductor

PB1002 Datasheet PDF - Diotec Semiconductor
Part # PB1002
Download  PB1002 Download

File Size   309.65 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Bridge Rectifiers

PB1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
PB1002 Datasheet PDF - Diotec Semiconductor

Part # PB1002
Download  PB1002 Click to download

File Size   309.65 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Bridge Rectifiers

PB1002 Datasheet (HTML) - Diotec Semiconductor

PB1002 Datasheet HTML 1Page - Diotec Semiconductor PB1002 Datasheet HTML 2Page - Diotec Semiconductor

PB1002 Product details

Silicon-Bridge-Rectifiers

• Nominal current               10 A
• Alternating input voltage  35...700 V
• Type: PB... 19 x 19 x 6.8 [mm]
• Plastic case – Weight approx.                             5.5 g
• Type: PB...S 15.1 x 15.1 x 6.3 [mm]
• Plastic case with Al-bottom – Weight approx.     3.5 g
• Plastic material has UL classification 94V-0
• Standard packaging bulk
• Recognized Product – Underwriters Laboratories Inc.® File E175067




Similar Part No. - PB1002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1002 WTE-PB1002 Datasheet
32Kb / 3P
   10A BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1002 DIOTEC-PB1002 Datasheet
289Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Won-Top Electronics
PB1002 WTE-PB1002 Datasheet
60Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1002 DIOTEC-PB1002 Datasheet
125Kb / 2P
   Silicon-Bridge-Rectifiers Silizium-Br-kengleichrichter
logo
Pan Jit International I...
PB1002 PANJIT-PB1002 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Similar Description - PB1002

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com