Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFE1D Datasheet (PDF) - Diotec Semiconductor

SFE1D Datasheet PDF - Diotec Semiconductor
Part # SFE1D
Download  SFE1D Download

File Size   235.39 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Switching Surface Mount Si-Rectifiers

SFE1D Datasheet (PDF)

Go To PDF Page Download Datasheet
SFE1D Datasheet PDF - Diotec Semiconductor

Part # SFE1D
Download  SFE1D Click to download

File Size   235.39 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Switching Surface Mount Si-Rectifiers

SFE1D Datasheet (HTML) - Diotec Semiconductor

SFE1D Datasheet HTML 1Page - Diotec Semiconductor SFE1D Datasheet HTML 2Page - Diotec Semiconductor

SFE1D Product details

Nominal current – Nennstrom                    1 A

Repetitive peak reverse voltage        50...1000 V

Plastic case MELF                         DO-213AB

Weight approx. – Gewicht ca.                0.07 g

Plastic material has UL classification 94V-0

Standard packaging taped and reeled



 




Similar Part No. - SFE1D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SFE1D DIOTEC-SFE1D Datasheet
71Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
SFE1D DIOTEC-SFE1D Datasheet
176Kb / 2P
   Superfast Switching Surface Mount Silicon Rectifier Diodes
SFE1D DIOTEC-SFE1D Datasheet
226Kb / 2P
   Superfast Switching SMD Rectifier Diodes
More results


Similar Description - SFE1D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
EGL34A DIOTEC-EGL34A_07 Datasheet
101Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER2A DIOTEC-ER2A Datasheet
164Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER3A DIOTEC-ER3A Datasheet
165Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
EGL1A DIOTEC-EGL1A_07 Datasheet
103Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER1A DIOTEC-ER1A Datasheet
163Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100_07 Datasheet
103Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
SFE1A DIOTEC-SFE1A_07 Datasheet
71Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER1A DIOTEC-ER1A_07 Datasheet
104Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER2A DIOTEC-ER2A_07 Datasheet
69Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER3A DIOTEC-ER3A_07 Datasheet
69Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com