Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK24 Datasheet (PDF) - Diotec Semiconductor

SK24 Datasheet PDF - Diotec Semiconductor
Part # SK24
Download  SK24 Download

File Size   169.8 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky-Rectifiers

SK24 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK24 Datasheet PDF - Diotec Semiconductor

Part # SK24
Download  SK24 Click to download

File Size   169.8 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky-Rectifiers

SK24 Datasheet (HTML) - Diotec Semiconductor

SK24 Datasheet HTML 1Page - Diotec Semiconductor SK24 Datasheet HTML 2Page - Diotec Semiconductor

SK24 Product details

Features
Low forward voltage drop
Compliant to RoHS, REACH,
Conflict Minerals 1)

Typical Applications
   Output Rectification in DC/DC
   Converters, Polarity Protection,
   Free-wheeling diodes
   Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 13“
   Weight approx. 0.1 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL = 1




Similar Part No. - SK24

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK24 MCC-SK24 Datasheet
284Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SK24 PANJIT-SK24 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Bytesonic Electronics C...
SK24 BYTESONIC-SK24 Datasheet
249Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SK24 DGNJDZ-SK24 Datasheet
133Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SK24 DAESAN-SK24 Datasheet
261Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
More results


Similar Description - SK24

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com