Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF4004 Datasheet (PDF) - Diotec Semiconductor

SUF4004 Datasheet PDF - Diotec Semiconductor
Part # SUF4004
Download  SUF4004 Download

File Size   162.56 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Ultrafast Switching Surface Mount Si-Rectifiers

SUF4004 Datasheet (PDF)

Go To PDF Page Download Datasheet
SUF4004 Datasheet PDF - Diotec Semiconductor

Part # SUF4004
Download  SUF4004 Click to download

File Size   162.56 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Ultrafast Switching Surface Mount Si-Rectifiers

SUF4004 Datasheet (HTML) - Diotec Semiconductor

SUF4004 Datasheet HTML 1Page - Diotec Semiconductor SUF4004 Datasheet HTML 2Page - Diotec Semiconductor

SUF4004 Product details

Ultrafast Switching Surface Mount Si-Rectifiers



Nominal current ñ Nennstrom   1 A

Repetitive peak reverse voltage  50 . . .  1000 V

Plastic case MELF                    DO-213AB

Weight approx. ñ Gewicht ca.     0.12 g

Plastic material has UL classification 94V-0

 




Similar Part No. - SUF4004

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SUF4004 DIOTEC-SUF4004 Datasheet
71Kb / 2P
   Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
SUF4004 SEMIKRON-SUF4004 Datasheet
177Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
SUF4004 SEMIKRON-SUF4004 Datasheet
183Kb / 2P
   Ultrafast silicon rectifier diodes
logo
Gulf Semiconductor
SUF4004 GULFSEMI-SUF4004 Datasheet
74Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
logo
Shenzhen Luguang Electr...
SUF4004 LUGUANG-SUF4004 Datasheet
253Kb / 2P
   Surface Mount Rectifiers
More results


Similar Description - SUF4004

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
EGL34A DIOTEC-EGL34A Datasheet
122Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100 Datasheet
133Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
US3A DIOTEC-US3A Datasheet
164Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
EGL1A DIOTEC-EGL1A Datasheet
121Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
US1A DIOTEC-US1A Datasheet
162Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
US2A DIOTEC-US2A Datasheet
162Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
UF600A DIOTEC-UF600A Datasheet
154Kb / 2P
   Ultrafast Switching Si-Rectifiers
UF5400 DIOTEC-UF5400 Datasheet
153Kb / 2P
   Ultrafast Switching Si-Rectifiers
US3A DIOTEC-US3A_07 Datasheet
69Kb / 2P
   Ultrafast Switching Surface Mount Si-Diodes
US1A DIOTEC-US1A_07 Datasheet
68Kb / 2P
   Ultrafast Switching Surface Mount Si-Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com