Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP121 Datasheet (PDF) - Diotec Semiconductor

TIP121 Datasheet PDF - Diotec Semiconductor
Part # TIP121
Download  TIP121 Download

File Size   49.35 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial PlanarTransistors

TIP121 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP121 Datasheet PDF - Diotec Semiconductor

Part # TIP121
Download  TIP121 Click to download

File Size   49.35 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial PlanarTransistors

TIP121 Datasheet (HTML) - Diotec Semiconductor

TIP121 Datasheet HTML 1Page - Diotec Semiconductor TIP121 Datasheet HTML 2Page - Diotec Semiconductor

TIP121 Product details

Si-Epitaxial Planar Transistors



Collector current – Kollektorstrom  5 A

Plastic case                               TO-220AB

Weight approx. – Gewicht ca.        2.2 g

Plastic material has UL classification 94V-0

Standard packaging taped and reeled




Similar Part No. - TIP121

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
TIP121 JIANGSU-TIP121 Datasheet
555Kb / 3P
   Darlington TRANSISTOR (NPN)
logo
Mospec Semiconductor
TIP121 MOSPEC-TIP121 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
TAITRON Components Inco...
TIP121 TAITRON-TIP121 Datasheet
242Kb / 4P
   Darlington Power Transistors (NPN)
logo
SemiHow Co.,Ltd.
TIP121 SEMIHOW-TIP121 Datasheet
501Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SHENZHEN KOO CHIN ELECT...
TIP121 KOOCHIN-TIP121 Datasheet
270Kb / 2P
   Darlington TRANSISTOR (NPN)
More results


Similar Description - TIP121

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
   Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
   Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
   Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
   Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
BC337 DIOTEC-BC337 Datasheet
140Kb / 2P
   Si-Epitaxial PlanarTransistors
2N3905 DIOTEC-2N3905 Datasheet
99Kb / 2P
   Si-Epitaxial PlanarTransistors
TIP31 DIOTEC-TIP31 Datasheet
36Kb / 2P
   Si-Epitaxial PlanarTransistors
TIP32 DIOTEC-TIP32 Datasheet
36Kb / 2P
   Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com