Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBY275 Datasheet (PDF) - Diotec Semiconductor

PBY275 Datasheet PDF - Diotec Semiconductor
Part # PBY275
Download  PBY275 Download

File Size   154.83 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Power Rectifiers

PBY275 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBY275 Datasheet PDF - Diotec Semiconductor

Part # PBY275
Download  PBY275 Click to download

File Size   154.83 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Power Rectifiers

PBY275 Datasheet (HTML) - Diotec Semiconductor

PBY275 Datasheet HTML 1Page - Diotec Semiconductor PBY275 Datasheet HTML 2Page - Diotec Semiconductor

PBY275 Product details

Silicon-Power Rectifiers



Nominal current – Nennstrom    12 A

Repetitive peak reverse voltage 50...1000 V

Weight approx. – Gewicht ca. 5.5 g

Recommended mounting torque 18 ± 10% lb.in.

Index R: Anode to stud / am Gewinde (e.g. 1N 1199 A/R)




Similar Part No. - PBY275

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PBY275 DIOTEC-PBY275 Datasheet
128Kb / 2P
   Silicon-Power-Rectifiers
More results


Similar Description - PBY275

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
160Kb / 2P
   Silicon-Power Rectifiers
logo
Edal Industries, Inc.
G5A3 EDAL-G5A3 Datasheet
626Kb / 2P
   Silicon Power Rectifiers
E4A3 EDAL-E4A3 Datasheet
1Mb / 2P
   Silicon Power Rectifiers
logo
New Jersey Semi-Conduct...
1N248 NJSEMI-1N248 Datasheet
100Kb / 1P
   Silicon Power Rectifiers
logo
Edal Industries, Inc.
J5A3 EDAL-J5A3 Datasheet
848Kb / 2P
   Silicon Power Rectifiers
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183_07 Datasheet
129Kb / 2P
   Silicon-Power-Rectifiers
1N1199A DIOTEC-1N1199A_07 Datasheet
128Kb / 2P
   Silicon-Power-Rectifiers
logo
Edal Industries, Inc.
F3A3 EDAL-F3A3 Datasheet
839Kb / 2P
   Silicon Power Rectifiers
logo
New Jersey Semi-Conduct...
1N1202A NJSEMI-1N1202A Datasheet
124Kb / 1P
   Silicon Avalanche Power Rectifiers
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com