Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV21WS Datasheet (PDF) - Diotec Semiconductor

BAV21WS Datasheet PDF - Diotec Semiconductor
Part # BAV21WS
Download  BAV21WS Download

File Size   111.1 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Small Signal Diodes

BAV21WS Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV21WS Datasheet PDF - Diotec Semiconductor

Part # BAV21WS
Download  BAV21WS Click to download

File Size   111.1 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Small Signal Diodes

BAV21WS Datasheet (HTML) - Diotec Semiconductor

BAV21WS Datasheet HTML 1Page - Diotec Semiconductor BAV21WS Datasheet HTML 2Page - Diotec Semiconductor

BAV21WS Product details

Power dissipation  200 mW
Repetitive peak reverse voltage 120...250 V
Plastic case ~ SOD-323
Weight approx.  0.005 g
Plastic material has UL classification 94V-0
Standard packaging taped and reeled




Similar Part No. - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV21WS PANJIT-BAV21WS Datasheet
104Kb / 3P
   SURFACT MOUNT SWITCHING DIODES
logo
Olitech Electronics Co....
BAV21WS OLITECH-BAV21WS Datasheet
1Mb / 2P
   SWITCHING DIODE
logo
SEMTECH ELECTRONICS LTD...
BAV21WS SEMTECH_ELEC-BAV21WS Datasheet
312Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Micro Commercial Compon...
BAV21WS MCC-BAV21WS Datasheet
264Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
logo
List of Unclassifed Man...
BAV21WS ETC2-BAV21WS Datasheet
273Kb / 4P
   Halogen free available upon request by adding suffix "-HF"||" "586709
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Similar Description - BAV21WS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
   Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
   Surface mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
   Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
   Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
   Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
   Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
   Surface Mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS_11 Datasheet
96Kb / 2P
   Surface Mount Small Signal Diodes
LS4148 DIOTEC-LS4148_07 Datasheet
103Kb / 2P
   Surface Mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS_14 Datasheet
93Kb / 2P
   Surface Mount Small Signal Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com