Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D30VC20 Datasheet (PDF) - Diotec Semiconductor

D30VC20 Datasheet PDF - Diotec Semiconductor
Part # D30VC20
Download  D30VC20 Download

File Size   174.92 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Twin Rectifiers Center tap

D30VC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
D30VC20 Datasheet PDF - Diotec Semiconductor

Part # D30VC20
Download  D30VC20 Click to download

File Size   174.92 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Twin Rectifiers Center tap

D30VC20 Datasheet (HTML) - Diotec Semiconductor

D30VC20 Datasheet HTML 1Page - Diotec Semiconductor D30VC20 Datasheet HTML 2Page - Diotec Semiconductor

D30VC20 Product details

Silicon-Twin Rectifiers Center tap

• Nominal current                                                    30 A
• Alternating input voltage                             60…250 V
• Plastic case with alu-bottom
• Dimensions                              28.6 x 28.6 x 7.3 [mm]
• Weight approx.                                                     23 g
• Recognized Product – UL-File E175067
• Compound has classification UL94V-0
• Standard packaging: bulk see page 22




Similar Part No. - D30VC20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D30VC60 SHINDENGEN-D30VC60 Datasheet
399Kb / 4P
   Square In-line Package
More results


Similar Description - D30VC20

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DAN208 DIOTEC-DAN208_08 Datasheet
109Kb / 2P
   Silicon-Twin Rectifiers ??Center Tap
DAN208 DIOTEC-DAN208 Datasheet
122Kb / 2P
   Silicon-Twin Diodes Center tap
logo
Frontier Electronics.
BCT8-005 FRONTIER-BCT8-005 Datasheet
125Kb / 2P
   8A CENTER TAP RECTIFIERS
BCT8-005-LFR FRONTIER-BCT8-005-LFR Datasheet
126Kb / 2P
   8A CENTER TAP RECTIFIERS
logo
New Jersey Semi-Conduct...
UES2601 NJSEMI-UES2601 Datasheet
131Kb / 3P
   RECTIFIERS High Efficiency, 30A Center-Tap
logo
International Rectifier
20CTQ030 IRF-20CTQ030 Datasheet
287Kb / 6P
   AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
logo
Microsemi Corporation
UES2605R MICROSEMI-UES2605R Datasheet
344Kb / 6P
   HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
logo
International Rectifier
28CPQ IRF-28CPQ Datasheet
181Kb / 4P
   28Amp Dual Schottky Center Tap Rectifiers
logo
Diotec Semiconductor
DD810 DIOTEC-DD810 Datasheet
90Kb / 2P
   Silicon Twin Rectifiers
D60VC20 DIOTEC-D60VC20_06 Datasheet
88Kb / 2P
   Silicon-Twin-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com