Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV58C24 Datasheet (PDF) - Diotec Semiconductor

BZV58C24 Datasheet PDF - Diotec Semiconductor
Part # BZV58C24
Download  BZV58C24 Download

File Size   112.59 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Power-Z-Diodes (non-planar technology)

BZV58C24 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZV58C24 Datasheet PDF - Diotec Semiconductor

Part # BZV58C24
Download  BZV58C24 Click to download

File Size   112.59 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Power-Z-Diodes (non-planar technology)

BZV58C24 Datasheet (HTML) - Diotec Semiconductor

BZV58C24 Datasheet HTML 1Page - Diotec Semiconductor BZV58C24 Datasheet HTML 2Page - Diotec Semiconductor

BZV58C24 Product details

Silicon-Power-Z-Diodes (non-planar technology)

• Maximum power dissipation                5 W
• Nominal Z-voltage                   8.2…200 V
• Plastic case                                ~ DO-201
• Weight approx.                                     1 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack see page 16




Similar Part No. - BZV58C24

ManufacturerPart #DatasheetDescription
logo
Semikron International
BZV58C24 SEMIKRON-BZV58C24 Datasheet
45Kb / 1P
   Zener silicon diodes
BZV58C24 SEMIKRON-BZV58C24 Datasheet
49Kb / 1P
   Zener silicon diodes
More results


Similar Description - BZV58C24

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZY1 DIOTEC-ZY1 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZX10 DIOTEC-ZX10 Datasheet
114Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZX39 DIOTEC-ZX39 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
1N5345B DIOTEC-1N5345B Datasheet
93Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
3EZ1 DIOTEC-3EZ1 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B Datasheet
84Kb / 2P
   Silicon Power Z-Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B_15 Datasheet
83Kb / 2P
   Silicon Power Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
ZY1 DIOTEC-ZY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com