Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82133A5402M000 Datasheet (PDF) - TDK Electronics

B82133A5402M000 Datasheet PDF - TDK Electronics
Part # B82133A5402M000
Download  B82133A5402M000 Download

File Size   554.15 Kbytes
Page   9 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description VHF chokes

B82133A5402M000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82133A5402M000 Datasheet PDF - TDK Electronics

Part # B82133A5402M000
Download  B82133A5402M000 Click to download

File Size   554.15 Kbytes
Page   9 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description VHF chokes

B82133A5402M000 Datasheet (HTML) - TDK Electronics

B82133A5402M000 Datasheet HTML 1Page - TDK Electronics B82133A5402M000 Datasheet HTML 2Page - TDK Electronics B82133A5402M000 Datasheet HTML 3Page - TDK Electronics B82133A5402M000 Datasheet HTML 4Page - TDK Electronics B82133A5402M000 Datasheet HTML 5Page - TDK Electronics B82133A5402M000 Datasheet HTML 6Page - TDK Electronics B82133A5402M000 Datasheet HTML 7Page - TDK Electronics B82133A5402M000 Datasheet HTML 8Page - TDK Electronics B82133A5402M000 Datasheet HTML 9Page - TDK Electronics

B82133A5402M000 Product details

Rated voltage 500 V AC/DC
Rated current 0.15 ... 6 A
Rated inductance 1 ... 420 μH

Features
■ High resonant frequency
■ Design complies with EN 60938
■ Suitable for wave soldering
■ RoHS-compatible

Applications
■ RF blocking and filtering
■ Interference suppression in small appliances
■ Decoupling in telecommunications and entertainment electronics




Similar Part No. - B82133A5402M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82133A5402M000 EPCOS-B82133A5402M000 Datasheet
108Kb / 7P
   Chokes and inductors
B82133A5402M000 EPCOS-B82133A5402M000 Datasheet
136Kb / 9P
   Inductors
More results


Similar Description - B82133A5402M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82111BC16 EPCOS-B82111BC16 Datasheet
519Kb / 7P
   VHF chokes
B82111E EPCOS-B82111E Datasheet
106Kb / 7P
   VHF chokes
logo
TDK Electronics
B82111B0000C011 TDK-B82111B0000C011 Datasheet
531Kb / 7P
   VHF chokes
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
   Inductors VHF chokes
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
logo
Eichhoff Electronics,In...
DZA010 EICHHOFF-DZA010 Datasheet
90Kb / 2P
   UKW Drosseln VHF chokes Selfs O.U.C.
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236 Datasheet
195Kb / 2P
   CHOKES
logo
TDK Electronics
B82614R2102A030 TDK-B82614R2102A030 Datasheet
743Kb / 7P
   Power line chokes Sine-wave chokes
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
PREMO CORPORATION S.L
PL0R6-06HA PREMO-PL0R6-06HA Datasheet
212Kb / 3P
   Linear chokes
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com