Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF160A Datasheet (PDF) - Nanjing International Group Co

SMF160A Datasheet PDF - Nanjing International Group Co
Part # SMF160A
Download  SMF160A Download

File Size   384.67 Kbytes
Page   3 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMF160A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF160A Datasheet PDF - Nanjing International Group Co

Part # SMF160A
Download  SMF160A Click to download

File Size   384.67 Kbytes
Page   3 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

SMF160A Datasheet (HTML) - Nanjing International Group Co

SMF160A Datasheet HTML 1Page - Nanjing International Group Co SMF160A Datasheet HTML 2Page - Nanjing International Group Co SMF160A Datasheet HTML 3Page - Nanjing International Group Co

SMF160A Product details

Stand- off Voltage : 5 to 170 V

Peak Power : 200 W



FEATURES :

* Stand-off voltage ; 5 - 170 Volts

* Peak Power ; - 200 Watts @ 1 ms (SMF5.0A - SFM58A)

                    - 175 Watts @ 1 ms (SFM60A - SFM170A)

* Maximum clamp voltage @ Peak pulse current

* Low leakage

* Pb / RoHS Free



 




Similar Part No. - SMF160A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF160A ONSEMI-SMF160A Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Microdiode Electronics ...
SMF160A CHENDA-SMF160A Datasheet
1,012Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMF160A LUGUANG-SMF160A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
DAESAN ELECTRONIC CORP.
SMF160A DAESAN-SMF160A Datasheet
332Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
SMF160A DIOTEC-SMF160A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Similar Description - SMF160A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com