Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

851-91-016-40-001 Datasheet (PDF) - Precid-Dip Durtal SA

851-91-016-40-001 Datasheet PDF - Precid-Dip Durtal SA
Part # 851-91-016-40-001
Download  851-91-016-40-001 Download

File Size   53.54 Kbytes
Page   1 Pages
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA
Description PCB connectors 1.27 mm Single row / double row Surface mount

851-91-016-40-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
851-91-016-40-001 Datasheet PDF - Precid-Dip Durtal SA

Part # 851-91-016-40-001
Download  851-91-016-40-001 Click to download

File Size   53.54 Kbytes
Page   1 Pages
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA
Description PCB connectors 1.27 mm Single row / double row Surface mount

851-91-016-40-001 Datasheet (HTML) - Precid-Dip Durtal SA

851-91-016-40-001 Datasheet HTML 1Page - Precid-Dip Durtal SA

851-91-016-40-001 Product details

Ultraminiature PCB receptacles, surface mount

Grid spacing 1.27×1.27 mm
Receptacles for pins ∅ 0.35–0.45 mm
For corresponding connectors see pages 13, 14 and 15




Similar Part No. - 851-91-016-40-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
851-91-016-10-001 PREDIP-851-91-016-10-001 Datasheet
49Kb / 1P
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail
851-91-016-20-001 PREDIP-851-91-016-20-001 Datasheet
50Kb / 1P
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail
More results


Similar Description - 851-91-016-40-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
852-10-016-30-001 PREDIP-852-10-016-30-001 Datasheet
44Kb / 1P
   PCB connectors 1.27 mm Single row / double row Surface mount
802-10-016-30-001 PREDIP-802-10-016-30-001 Datasheet
40Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
833-91-016-30-001 PREDIP-833-91-016-30-001 Datasheet
64Kb / 1P
   PCB connectors 2.0 mm Single row / double row Surface mount
410-91-216-41-105 PREDIP-410-91-216-41-105 Datasheet
50Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
803-91-016-40-001 PREDIP-803-91-016-40-001 Datasheet
36Kb / 1P
   PCB connectors 2.54 mm Single row / double row / surface mount
350-10-116-00-106 PREDIP-350-10-116-00-106 Datasheet
48Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
803-91-016-30-001 PREDIP-803-91-016-30-001 Datasheet
48Kb / 1P
   PCB connectors 2.54 mm Single row / double row Surface mount
852-10-016-20-001 PREDIP-852-10-016-20-001 Datasheet
39Kb / 1P
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail
853-91-016-10-001 PREDIP-853-91-016-10-001 Datasheet
49Kb / 1P
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail
852-10-016-10-001 PREDIP-852-10-016-10-001 Datasheet
46Kb / 1P
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com