Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR201 Datasheet (PDF) - Jinan Jing Heng Electronics Co., Ltd.

FR201 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.
Part # FR201
Download  FR201 Download

File Size   57.93 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description FAST RECOVERY RECTIFIER

FR201 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR201 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.

Part # FR201
Download  FR201 Click to download

File Size   57.93 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description FAST RECOVERY RECTIFIER

FR201 Datasheet (HTML) - Jinan Jing Heng Electronics Co., Ltd.

FR201 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. FR201 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.

FR201 Product details

Reverse Voltage: 50 to 1000 Volts
Forward Current: 2.0 Amperes

FEATURES
• Low leakage
• Low forward voltage drop
• High reliability
• High current surge
• High current capability
• High temperature soldering guaranteed:260°C/10 seconds at terminals
• Component in accordance to RoHS 2011/65/EU 




Similar Part No. - FR201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
FR201 PACELEADER-FR201 Datasheet
495Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201 Datasheet
166Kb / 2P
   2.0 A, Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FR201 TSC-FR201 Datasheet
69Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
logo
SAMYANG ELECTRONICS CO....
FR201 SAMYANG-FR201 Datasheet
465Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Similar Description - FR201

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com