Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40 Datasheet (PDF) - Comchip Technology

BAS40 Datasheet PDF - Comchip Technology
Part # BAS40
Download  BAS40 Download

File Size   105.48 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Surface Mount Schottky Diode

BAS40 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS40 Datasheet PDF - Comchip Technology

Part # BAS40
Download  BAS40 Click to download

File Size   105.48 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Surface Mount Schottky Diode

BAS40 Datasheet (HTML) - Comchip Technology

BAS40 Datasheet HTML 1Page - Comchip Technology BAS40 Datasheet HTML 2Page - Comchip Technology

BAS40 Product details

Voltage: 40 Volts Power: 200mW

Features
   Low Turn-on Voltage
   Low Forward Voltage - 0.5V(Max) @ IF = 30 mA
   Very Low Capacitance - Less Than 5.0pF @ 1V
   For high speed switching application, circuit protection




Similar Part No. - BAS40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
   Schottky barrier double diodes
1999 Apr 28
logo
AiT Semiconductor Inc.
BAS40 AITSEMI-BAS40 Datasheet
249Kb / 5P
   SCHOTTKY DIODES 120mA, 40V
REV1.1
logo
Frontier Electronics.
BAS40 FRONTIER-BAS40 Datasheet
162Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
BAS40 TSC-BAS40 Datasheet
244Kb / 5P
   Low VF SMD Schottky Barrier Diode
More results


Similar Description - BAS40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD330W PANJIT-MMBD330W Datasheet
58Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE
PJRB461F PANJIT-PJRB461F Datasheet
89Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Comchip Technology
BAS54 COMCHIP-BAS54 Datasheet
63Kb / 2P
   Surface Mount Schottky Diode
logo
Pan Jit International I...
MMBD301 PANJIT-MMBD301_13 Datasheet
186Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Shanghai Leiditech Elec...
1SS357 LEIDITECH-1SS357 Datasheet
435Kb / 2P
   Surface mount schottky diode
logo
Pan Jit International I...
RB551V-30 PANJIT-RB551V-30 Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
RB551V30 PANJIT-RB551V30 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB501V-40 UTC-RB501V-40 Datasheet
131Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Central Semiconductor C...
CMWSH-4 CENTRAL-CMWSH-4 Datasheet
114Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com