Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV128 Datasheet (PDF) - ATMEL Corporation

AT17LV128 Datasheet PDF - ATMEL Corporation
Part # AT17LV128
Download  AT17LV128 Download

File Size   221.47 Kbytes
Page   24 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description FPGA Configuration EEPROM Memory

AT17LV128 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT17LV128 Datasheet PDF - ATMEL Corporation

Part # AT17LV128
Download  AT17LV128 Click to download

File Size   221.47 Kbytes
Page   24 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description FPGA Configuration EEPROM Memory

AT17LV128 Datasheet (HTML) - ATMEL Corporation

Back Button AT17LV128 Datasheet HTML 1Page - ATMEL Corporation AT17LV128 Datasheet HTML 2Page - ATMEL Corporation AT17LV128 Datasheet HTML 3Page - ATMEL Corporation AT17LV128 Datasheet HTML 4Page - ATMEL Corporation AT17LV128 Datasheet HTML 5Page - ATMEL Corporation AT17LV128 Datasheet HTML 6Page - ATMEL Corporation AT17LV128 Datasheet HTML 7Page - ATMEL Corporation AT17LV128 Datasheet HTML 8Page - ATMEL Corporation AT17LV128 Datasheet HTML 9Page - ATMEL Corporation AT17LV128 Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT17LV128 Product details

Description
The AT17C65/128/256 and AT17LV65/128/256 (low-density AT17 Series) FPGA Configuration EEPROMs (Configurators) provide an easy-to-use, cost-effective configuration memory for Field Programmable Gate Arrays. The low-density AT17 Series is packaged in the 8-pin PDIP, 8-lead SOIC, and the popular 20-lead PLCC and SOIC. The AT17 Series family uses a simple serial-access procedure to configure one or more FPGA devices. The AT17 Series organization supplies enough memory to configure one or multiple smaller FPGAs. Using a feature of the AT17 Series, the user can select the polarity of the reset function by programming a special EEPROM byte. These devices also support a write-protection mechanism within its programming mode.
The AT17 Series Configurators can be programmed with industry-standard programmers, or Atmel’s ATDH2200E Programming Kit.

Features
• EE Programmable 65,536 x 1-, 131,072 x 1-, and 262,144 x 1-bit Serial Memories
   Designed to Store Configuration Programs for Field Programmable Gate
   Arrays (FPGAs)
• In-System Programmable via 2-wire Bus
• Simple Interface to SRAM FPGAs
• Compatible with Atmel AT6000, AT40K FPGAs, Altera FLEX® Devices, Lucent ORCA®
   FPGAs, Xilinx XC3000, XC4000, XC5200, SPARTAN® FPGAs, Motorola MPA1000 FPGAs
• Cascadable Read Back to Support Additional Configurations or Future Higher-density
   Arrays (128K and 256K only)
• Low-power CMOS EEPROM Process
• Programmable Reset Polarity
• Available in the Space-efficient Plastic DIP or SOIC Packages; PLCC Package is
   Pin-compatible Across Product Family
• Emulation of Atmel’s AT24CXXX Serial EEPROMs
• Available in 3.3V ± 10% LV and 5V ± 5% C Versions
• Low-power Standby Mode




Similar Part No. - AT17LV128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV128 ATMEL-AT17LV128 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17LV128-10JC ATMEL-AT17LV128-10JC Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17LV128-10JC ATMEL-AT17LV128-10JC Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17LV128-10JI ATMEL-AT17LV128-10JI Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17LV128-10JI ATMEL-AT17LV128-10JI Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
More results


Similar Description - AT17LV128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com