Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE16CA Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

1.5KE16CA Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # 1.5KE16CA
Download  1.5KE16CA Download

File Size   528.23 Kbytes
Page   4 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description Plastic package has UL flammability Classification 94V-0

1.5KE16CA Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE16CA Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # 1.5KE16CA
Download  1.5KE16CA Click to download

File Size   528.23 Kbytes
Page   4 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description Plastic package has UL flammability Classification 94V-0

1.5KE16CA Datasheet (HTML) - SEMTECH ELECTRONICS LTD.

1.5KE16CA Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1.5KE16CA Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1.5KE16CA Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 1.5KE16CA Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.

1.5KE16CA Product details

Reverse Voltage: 6.8 to 440 V

Peak Pulse Power: 1500 W



Features

• Plastic package has UL flammability Classification 94V-0

• 1500 W peak pulse power capability on 10/1000 µs waveform, repetition rate (duty cycle): 0.01%

• Excellent clamping capability

• Low incremental surge resistance

• Very fast response time



 




Similar Part No. - 1.5KE16CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
1.5KE16CA SOCAY-1.5KE16CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
ON Semiconductor
1.5KE16CA ONSEMI-1.5KE16CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Shenzhen Luguang Electr...
1.5KE16CA LUGUANG-1.5KE16CA Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DB Lectro Inc
1.5KE16CA DBLECTRO-1.5KE16CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Pan Jit International I...
1.5KE16CA PANJIT-1.5KE16CA Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results


Similar Description - 1.5KE16CA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF10H150CT KERSEMI-MBRF10H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H150CT KERSEMI-MBRF30H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR10H100CT KERSEMI-MBR10H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
First Silicon Co., Ltd
GBL2A FS-GBL2A Datasheet
195Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com