Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1087-3.3 Datasheet (PDF) - List of Unclassifed Manufacturers

L1087-3.3 Datasheet PDF - List of Unclassifed Manufacturers
Part # L1087-3.3
Download  L1087-3.3 Download

File Size   60.74 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)

L1087-3.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1087-3.3 Datasheet PDF - List of Unclassifed Manufacturers

Part # L1087-3.3
Download  L1087-3.3 Click to download

File Size   60.74 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)

L1087-3.3 Datasheet (HTML) - List of Unclassifed Manufacturers

L1087-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers L1087-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers L1087-3.3 Datasheet HTML 3Page - List of Unclassifed Manufacturers L1087-3.3 Datasheet HTML 4Page - List of Unclassifed Manufacturers L1087-3.3 Datasheet HTML 5Page - List of Unclassifed Manufacturers L1087-3.3 Datasheet HTML 6Page - List of Unclassifed Manufacturers

L1087-3.3 Product details

[NIKO-SEM]

GENERAL DESCRIPTION
The L1087 Series are positive and low dropout three-terminal voltage regulators with 0.8A output current capability. These devices are designed for use in low voltage applications that offers lower dropout voltage and faster transient response.
These devices are fully protected against over current faults, over temperature operation, reversed input polarity, reversed lead insertion, transient voltage spike …etc.
On-Chips trimming the reference voltage to 1% and features the low dropout of maximum 1.45 volts.

FEATURES
● Fixed 3.3V or adjustable output voltage
● Low dropout voltage
● Low ground current
● Fast transient response
● Current & thermal limiting
● Line regulation: 0.5% typical
● Load regulation: 0.5% typical
● Available in SOT-89 & TO-92 package

APPLICATIONS
● Low voltage micro-controllers
● Battery Chargers
● 5V to 3.3V linear regulators
● Motherboard clock supplies
● Post regulator for switching supplies



Similar Part No. - L1087-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
logo
Hamamatsu Corporation
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
   LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
National Semiconductor ...
L1087DTX-2.85 NSC-L1087DTX-2.85 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
L1087DTX-3.3 NSC-L1087DTX-3.3 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
L1087DTX-5.0 NSC-L1087DTX-5.0 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results


Similar Description - L1087-3.3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117-S AMS-AMS1117-S Datasheet
624Kb / 5P
   0.8A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com