Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS323CPA Datasheet (PDF) - Pericom Semiconductor Corporation

PS323CPA Datasheet PDF - Pericom Semiconductor Corporation
Part # PS323CPA
Download  PS323CPA Download

File Size   336.99 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, Single-Supply SPST Analog Switches

PS323CPA Datasheet (PDF)

Go To PDF Page Download Datasheet
PS323CPA Datasheet PDF - Pericom Semiconductor Corporation

Part # PS323CPA
Download  PS323CPA Click to download

File Size   336.99 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, Single-Supply SPST Analog Switches

PS323CPA Datasheet (HTML) - Pericom Semiconductor Corporation

PS323CPA Datasheet HTML 1Page - Pericom Semiconductor Corporation PS323CPA Datasheet HTML 2Page - Pericom Semiconductor Corporation PS323CPA Datasheet HTML 3Page - Pericom Semiconductor Corporation PS323CPA Datasheet HTML 4Page - Pericom Semiconductor Corporation PS323CPA Datasheet HTML 5Page - Pericom Semiconductor Corporation PS323CPA Datasheet HTML 6Page - Pericom Semiconductor Corporation PS323CPA Datasheet HTML 7Page - Pericom Semiconductor Corporation PS323CPA Datasheet HTML 8Page - Pericom Semiconductor Corporation PS323CPA Datasheet HTML 9Page - Pericom Semiconductor Corporation PS323CPA Datasheet HTML 10Page - Pericom Semiconductor Corporation

PS323CPA Product details

Description
The PS323/PS324/PS325 are improved high-precision, medium voltage analog switches designed to operate with single power supplies. The PS323 is a dual, single-pole single-throw (SPST), normally open (NO) switch. The PS324 has the same pinout as the PS323 but it has two normally closed (NC) switches. The PS325 has one normally open (NO) and one normally closed (NC) switch per package. Each switch conducts current equally well in either direction when on. In the off state, each switch blocks voltages up to the power-supply rail.

Features
• Low On-Resistance (33-Ohm typ.) Minimizes Distortion and Error Voltages
• Low Glitching Reduces Step Errors in Sample-and-Holds. Charge Injection, 2pC typ.
• Single-Supply Operation (+2.5V to +16V)
•· Improved Second Sources for MAX323/MAX324/MAX325
• On-Resistance Matching Between Channels, <2-Ohm
• On-Resistance Flatness, <6-Ohm max.
• Low Off-Channel Leakage, <5nA @ +85°C
• TTL/CMOS Logic Compatible
• Fast Switching Speed, tON <150ns
• Guaranteed Break-Before-Make action (PS325 only) eliminates momentary crosstalk v Rail-to-Rail Analog Signal Dynamic Range
• Low Power Consumption, <5mW
• MSOP Package Minimizes Board Area

Applications
• Audio Switching and Routing
• Portable Instruments
• Data Acquisition Systems
• Sample-and-Holds
• Telecommunication Systems
• Battery-Powered Systems




Similar Part No. - PS323CPA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PS32 GOOD-ARK-PS32 Datasheet
380Kb / 4P
   Surface Mount Schottky Rectifier
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Powertip Technology
PS320240T POWERTIP-PS320240T Datasheet
423Kb / 28P
   STANDARD VALUE
PS320240T-004-1-02 POWERTIP-PS320240T-004-1-02 Datasheet
423Kb / 28P
   STANDARD VALUE
logo
Applied Motion Products...
PS320A48 AMP-PS320A48 Datasheet
880Kb / 2P
   PS320A48 Power Supply 320W/48V with PFC Function
More results


Similar Description - PS323CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
   Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com