Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L004X Datasheet (PDF) - AMIC Technology

A29L004X Datasheet PDF - AMIC Technology
Part # A29L004X
Download  A29L004X Download

File Size   370.56 Kbytes
Page   39 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory

A29L004X Datasheet (PDF)

Go To PDF Page Download Datasheet
A29L004X Datasheet PDF - AMIC Technology

Part # A29L004X
Download  A29L004X Click to download

File Size   370.56 Kbytes
Page   39 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory

A29L004X Datasheet (HTML) - AMIC Technology

Back Button A29L004X Datasheet HTML 1Page - AMIC Technology A29L004X Datasheet HTML 2Page - AMIC Technology A29L004X Datasheet HTML 3Page - AMIC Technology A29L004X Datasheet HTML 4Page - AMIC Technology A29L004X Datasheet HTML 5Page - AMIC Technology A29L004X Datasheet HTML 6Page - AMIC Technology A29L004X Datasheet HTML 7Page - AMIC Technology A29L004X Datasheet HTML 8Page - AMIC Technology A29L004X Datasheet HTML 9Page - AMIC Technology A29L004X Datasheet HTML 10Page - AMIC Technology Next Button 

A29L004X Product details

General Description
The A29L004 is a 4Mbit, 3.0 volt-only Flash memory organized as 524,288 bytes of 8 bits. The 8 bits of data appear on I/O0 - I/O7. The A29L004 is offered in 40-pin TSOP, 32-pin PLCC or (s)TSOP packages. This device is designed to be programmed in-system with the standard system 3.0 volt VCC supply. Additional 12.0 volt VPP is not required for in-system write or erase operations. However, the A29L004 can also be programmed in standard EPROM programmers.

Features
■ Single power supply operation
   - Full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications
   - Regulated voltage range: 3.0 to 3.6 volt read and write operations for compatibility with high performance 3.3 volt microprocessors
■ Access times:
   - 70/90 (max.)
■ Current:
   - 4 mA typical active read current
   - 20 mA typical program/erase current
   - 200 nA typical CMOS standby
   - 200 nA Automatic Sleep Mode current
■ Flexible sector architecture
   - 16 Kbyte/ 8 KbyteX2/ 32 Kbyte/ 64 KbyteX7 sectors
   - Any combination of sectors can be erased
   - Supports full chip erase
   - Sector protection:
      A hardware method of protecting sectors to prevent any inadvertent program or erase operations within that sector. Temporary Sector Unprotect feature allows code changes in previously locked sectors
■ Unlock Bypass Program Command
   - Reduces overall programming time when issuing multiple program command sequence
■ Top or bottom boot block configurations available
■ Embedded Algorithms
   - Embedded Erase algorithm will automatically erase the entire chip or any combination of designated sectors and verify the erased sectors
   - Embedded Program algorithm automatically writes and verifies data at specified addresses
■ Typical 100,000 program/erase cycles per sector
■ 20-year data retention at 125°C
   - Reliable operation for the life of the system
■ Compatible with JEDEC-standards
   - Pinout and software compatible with single-power supply Flash memory standard
   - Superior inadvertent write protection
■ Data Polling and toggle bits
   - Provides a software method of detecting completion of program or erase operations
■ Ready / BUSY pin (RY / BY )
   - Provides a hardware method of detecting completion of program or erase operations (not available on 32-pin PLCC & (s)TSOP packages)
■ Erase Suspend/Erase Resume
   - Suspends a sector erase operation to read data from, or program data to, a non-erasing sector, then resumes the erase operation
■ Hardware reset pin (RESET )
   - Hardware method to reset the device to reading array data (not available on 32 pin PLCC & (s)TSOP packages)
■ Package options
   - 40-pin TSOP (forward type), 32-pin PLCC or (s)TSOP (forward type)




Similar Part No. - A29L004X

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004AL AMICC-A29L004AL Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004ATL-0F AMICC-A29L004ATL-0F Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004ATL-70 AMICC-A29L004ATL-70 Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004ATL-90 AMICC-A29L004ATL-90 Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Similar Description - A29L004X

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com