Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250U30B102A2CA Datasheet (PDF) - CTS Corporation

250U30B102A2CA Datasheet PDF - CTS Corporation
Part # 250U30B102A2CA
Download  250U30B102A2CA Download

File Size   249.71 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 9mm Carbon Composition Rotary Potentiometer

250U30B102A2CA Datasheet (PDF)

Go To PDF Page Download Datasheet
250U30B102A2CA Datasheet PDF - CTS Corporation

Part # 250U30B102A2CA
Download  250U30B102A2CA Click to download

File Size   249.71 Kbytes
Page   3 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial 9mm Carbon Composition Rotary Potentiometer

250U30B102A2CA Datasheet (HTML) - CTS Corporation

250U30B102A2CA Datasheet HTML 1Page - CTS Corporation 250U30B102A2CA Datasheet HTML 2Page - CTS Corporation 250U30B102A2CA Datasheet HTML 3Page - CTS Corporation



Similar Part No. - 250U30B102A2CA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250U15B102A1CA CTS-250U15B102A1CA Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250U15B102A1CB CTS-250U15B102A1CB Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250U15B102A1NA CTS-250U15B102A1NA Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250U15B102A1NB CTS-250U15B102A1NB Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250U15B102A2CA CTS-250U15B102A2CA Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
More results


Similar Description - 250U30B102A2CA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
   9mm Rotary Potentiometer
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com