Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

288XBB0F402A1 Datasheet (PDF) - CTS Corporation

288XBB0F402A1 Datasheet PDF - CTS Corporation
Part # 288XBB0F402A1
Download  288XBB0F402A1 Download

File Size   317.31 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial Miniature 16mm Size Rotary Encoder

288XBB0F402A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
288XBB0F402A1 Datasheet PDF - CTS Corporation

Part # 288XBB0F402A1
Download  288XBB0F402A1 Click to download

File Size   317.31 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Commercial Miniature 16mm Size Rotary Encoder

288XBB0F402A1 Datasheet (HTML) - CTS Corporation

288XBB0F402A1 Datasheet HTML 1Page - CTS Corporation 288XBB0F402A1 Datasheet HTML 2Page - CTS Corporation 288XBB0F402A1 Datasheet HTML 3Page - CTS Corporation 288XBB0F402A1 Datasheet HTML 4Page - CTS Corporation



Similar Part No. - 288XBB0F402A1

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
288 GILWAY-288 Datasheet
59Kb / 1P
   Subminiature Krypton Lams with Lens(Clear)-End
logo
CTS Corporation
288 CTS-288 Datasheet
523Kb / 4P
   16 mm Rotary Encoders
logo
WAGO Kontakttechnik Gmb...
288-304 WAGO-288-304 Datasheet
372Kb / 6P
   Relay module; Nominal input voltage: 24 VDC; 1 changeover contact
288-312 WAGO-288-312 Datasheet
261Kb / 6P
   Relay module; Nominal input voltage: 24 VDC
288-320 WAGO-288-320 Datasheet
289Kb / 6P
   Relay module; Nominal input voltage: 24 VDC; 1 make contact
More results


Similar Description - 288XBB0F402A1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP16 MACOM-DP16 Datasheet
161Kb / 2P
   16mm Rotary Encoder
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
282T33L502A25A2 CTS-282T33L502A25A2 Datasheet
525Kb / 4P
   Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
282TAAR103A25B1 CTS-282TAAR103A25B1 Datasheet
574Kb / 4P
   Industrial 16mm size Conductive Plastic Precision Rotary Sensor
logo
MultiDimension Technolo...
TMR3IH17 MULTIDIMENSION-TMR3IH17 Datasheet
721Kb / 4P
   Φ17 mm Compact Size Rotary Encoder
logo
CTS Corporation
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
   Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com