Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC-24S Datasheet (PDF) - Astrodyne Corporation

ATC-24S Datasheet PDF - Astrodyne Corporation
Part # ATC-24S
Download  ATC-24S Download

File Size   1316.58 Kbytes
Page   3 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 10W Ul t raminiature Modular Swi tching Power Suppl ies

ATC-24S Datasheet (PDF)

Go To PDF Page Download Datasheet
ATC-24S Datasheet PDF - Astrodyne Corporation

Part # ATC-24S
Download  ATC-24S Click to download

File Size   1316.58 Kbytes
Page   3 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 10W Ul t raminiature Modular Swi tching Power Suppl ies

ATC-24S Datasheet (HTML) - Astrodyne Corporation

ATC-24S Datasheet HTML 1Page - Astrodyne Corporation ATC-24S Datasheet HTML 2Page - Astrodyne Corporation ATC-24S Datasheet HTML 3Page - Astrodyne Corporation



Similar Part No. - ATC-24S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ATC-24S ASTRODYNE-ATC-24S Datasheet
244Kb / 3P
   10 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
ATC-24S ARCH-ATC-24S Datasheet
401Kb / 5P
   AC-DC Power Module
ATC-24S ARCH-ATC-24S Datasheet
180Kb / 3P
   Switching Power Module for PCB Mountable
ATC-24S-DN ARCH-ATC-24S-DN Datasheet
253Kb / 3P
   AC-DC Switching Power Supply
ATC-24S-E1 ARCH-ATC-24S-E1 Datasheet
385Kb / 5P
   AC-DC Power Module
More results


Similar Description - ATC-24S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ANC ASTRODYNE-ANC_16 Datasheet
1Mb / 3P
   15W Ul t raminiature Modular Swi tching Power Suppl ies
APC ASTRODYNE-APC_16 Datasheet
1Mb / 3P
   5W Ul t raminiature Modular Swi tching Power Suppl ies
ASC ASTRODYNE-ASC_16 Datasheet
1Mb / 3P
   30W Ul t raminiature Modular Swi tching Power Suppl ies
logo
List of Unclassifed Man...
CP-SNT55W ETC2-CP-SNT55W Datasheet
80Kb / 1P
   Swi tchmode power suppl ies
logo
ams AG
AS3610 AMSCO-AS3610 Datasheet
1Mb / 26P
   Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
logo
Astrodyne Corporation
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
AQF360U_SERIES ARCH-AQF360U_SERIES Datasheet
388Kb / 6P
   U Bracket Switching Power Suppl
logo
HARTING Technology Grou...
09-12-008-4760 HARTING-09-12-008-4760 Datasheet
557Kb / 3P
   Han Power T Modular Twin
2021-10-01
logo
Chinfa Electronics Ind....
KAM1003 CHINFA-KAM1003_10 Datasheet
224Kb / 4P
   AC - DC POWER MODULE 10W UL / cUL / TUV / CE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com