Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

270X232M252A1A Datasheet (PDF) - CTS Corporation

270X232M252A1A Datasheet PDF - CTS Corporation
Part # 270X232M252A1A
Download  270X232M252A1A Download

File Size   234.58 Kbytes
Page   9 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Industrial 16mm Diameter Carbon Composition Ratary Potentiometer

270X232M252A1A Datasheet (PDF)

Go To PDF Page Download Datasheet
270X232M252A1A Datasheet PDF - CTS Corporation

Part # 270X232M252A1A
Download  270X232M252A1A Click to download

File Size   234.58 Kbytes
Page   9 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Industrial 16mm Diameter Carbon Composition Ratary Potentiometer

270X232M252A1A Datasheet (HTML) - CTS Corporation

270X232M252A1A Datasheet HTML 1Page - CTS Corporation 270X232M252A1A Datasheet HTML 2Page - CTS Corporation 270X232M252A1A Datasheet HTML 3Page - CTS Corporation 270X232M252A1A Datasheet HTML 4Page - CTS Corporation 270X232M252A1A Datasheet HTML 5Page - CTS Corporation 270X232M252A1A Datasheet HTML 6Page - CTS Corporation 270X232M252A1A Datasheet HTML 7Page - CTS Corporation 270X232M252A1A Datasheet HTML 8Page - CTS Corporation 270X232M252A1A Datasheet HTML 9Page - CTS Corporation



Similar Part No. - 270X232M252A1A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
270X220A103A1A1 CTS-270X220A103A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270X220A103B1A1 CTS-270X220A103B1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270X220A501A1A1 CTS-270X220A501A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270X220A501B1A1 CTS-270X220A501B1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
270X220R103A1A1 CTS-270X220R103A1A1 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results


Similar Description - 270X232M252A1A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
TOCOSAMERICA, INC.
RV16 TOCOS-RV16 Datasheet
669Kb / 6P
   16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com