Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1900 Datasheet (PDF) - Rohm

2SA1900 Datasheet PDF - Rohm
Part # 2SA1900
Download  2SA1900 Download

File Size   66.32 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (-50V, -1A)

2SA1900 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1900 Datasheet PDF - Rohm

Part # 2SA1900
Download  2SA1900 Click to download

File Size   66.32 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (-50V, -1A)

2SA1900 Datasheet (HTML) - Rohm

2SA1900 Datasheet HTML 1Page - Rohm 2SA1900 Datasheet HTML 2Page - Rohm 2SA1900 Datasheet HTML 3Page - Rohm

2SA1900 Product details

Features
1) Low saturation voltage, typically VCE(sat)=−0.15V at IC/IB=−500mA/−50mA
2) PC=2W (on 40×40×0.7mm ceramic board)
3) Complements the 2SC5053




Similar Part No. - 2SA1900

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1900 KEXIN-2SA1900 Datasheet
50Kb / 1P
   Medium power transistor
logo
Inchange Semiconductor ...
2SA1900 ISC-2SA1900 Datasheet
278Kb / 3P
   isc Silicon PNP Power Transistor
2023-8-17
logo
SEMTECH ELECTRONICS LTD...
2SA1900U SEMTECH_ELEC-2SA1900U Datasheet
253Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
More results


Similar Description - 2SA1900

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5053 ROHM-2SC5053 Datasheet
64Kb / 3P
   Medium power transistor (50V, 1A)
2SC5053T100R ROHM-2SC5053T100R Datasheet
84Kb / 3P
   Medium power transistor (50V, 1A)
2SC5053T100Q ROHM-2SC5053T100Q Datasheet
84Kb / 3P
   Medium power transistor (50V, 1A)
2SAR513PFRA ROHM-2SAR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-50V / -1A)
2SCR513PFRA ROHM-2SCR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 1A)
2SB1132 ROHM-2SB1132_09 Datasheet
179Kb / 5P
   Medium Power Transistor (-32V, -1A)
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
   Medium Power Transistor (32V, 1A)
2SD1834 ROHM-2SD1834_10 Datasheet
136Kb / 3P
   Medium Power Transistor (60V, 1A)
2SA1515S ROHM-2SA1515S_10 Datasheet
149Kb / 4P
   Medium Power Transistor (-32V,-1A)
2SB1132T100P ROHM-2SB1132T100P Datasheet
179Kb / 5P
   Medium Power Transistor (-32V,??1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com