Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE15A Datasheet (PDF) - ON Semiconductor

1.5KE15A Datasheet PDF - ON Semiconductor
Part # 1.5KE15A
Download  1.5KE15A Download

File Size   64.23 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1500 Watt MosorbE Zener Transient Voltage Transient Voltage

1.5KE15A Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE15A Datasheet PDF - ON Semiconductor

Part # 1.5KE15A
Download  1.5KE15A Click to download

File Size   64.23 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1500 Watt MosorbE Zener Transient Voltage Transient Voltage

1.5KE15A Datasheet (HTML) - ON Semiconductor

1.5KE15A Datasheet HTML 1Page - ON Semiconductor 1.5KE15A Datasheet HTML 2Page - ON Semiconductor 1.5KE15A Datasheet HTML 3Page - ON Semiconductor 1.5KE15A Datasheet HTML 4Page - ON Semiconductor 1.5KE15A Datasheet HTML 5Page - ON Semiconductor 1.5KE15A Datasheet HTML 6Page - ON Semiconductor 1.5KE15A Datasheet HTML 7Page - ON Semiconductor 1.5KE15A Datasheet HTML 8Page - ON Semiconductor

1.5KE15A Product details

1500 Watt Mosorb™ Zener Transient Voltage Suppressors
Unidirectional*

Mosorb devices are designed to protect voltage sensitive components from high voltage, high−energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. These devices are ON Semiconductor’s exclusive, cost-effective, highly reliable Surmetic™ axial leaded package and are ideally-suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications, to protect CMOS, MOS and Bipolar integrated circuits.

Features
• Working Peak Reverse Voltage Range − 5.8 V to 214 V
• Peak Power − 1500 Watts @ 1 ms
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Maximum Clamp Voltage @ Peak Pulse Current
• Low Leakage < 5 μA Above 10 V
• UL 497B for Isolated Loop Circuit Protection
• Response Time is Typically < 1 ns
• Pb−Free Packages are Available




Similar Part No. - 1.5KE15A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
1.5KE15A UNIOHM-1.5KE15A Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1.5KE15A NJSEMI-1.5KE15A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE15A NJSEMI-1.5KE15A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
HY ELECTRONIC CORP.
1.5KE15A HY-1.5KE15A Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Transys Electronics
1.5KE15A TRSYS-1.5KE15A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 1.5KE15A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com