Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R46KR210000M1K Datasheet (PDF) - Kemet Corporation

R46KR210000M1K Datasheet PDF - Kemet Corporation
Part # R46KR210000M1K
Download  R46KR210000M1K Download

File Size   1480.85 Kbytes
Page   18 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Metallized Polypropylene Film EMI Suppression Capacitors

R46KR210000M1K Datasheet (PDF)

Go To PDF Page Download Datasheet
R46KR210000M1K Datasheet PDF - Kemet Corporation

Part # R46KR210000M1K
Download  R46KR210000M1K Click to download

File Size   1480.85 Kbytes
Page   18 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Metallized Polypropylene Film EMI Suppression Capacitors

R46KR210000M1K Datasheet (HTML) - Kemet Corporation

Back Button R46KR210000M1K Datasheet HTML 1Page - Kemet Corporation R46KR210000M1K Datasheet HTML 2Page - Kemet Corporation R46KR210000M1K Datasheet HTML 3Page - Kemet Corporation R46KR210000M1K Datasheet HTML 4Page - Kemet Corporation R46KR210000M1K Datasheet HTML 5Page - Kemet Corporation R46KR210000M1K Datasheet HTML 6Page - Kemet Corporation R46KR210000M1K Datasheet HTML 7Page - Kemet Corporation R46KR210000M1K Datasheet HTML 8Page - Kemet Corporation R46KR210000M1K Datasheet HTML 9Page - Kemet Corporation R46KR210000M1K Datasheet HTML 10Page - Kemet Corporation Next Button 

R46KR210000M1K Product details

Overview
The R46 Series is constructed of metallized polypropylene flm encapsulated with self-extinguishing resin in a box of material meeting the requirements of UL 94 V–0.

Benefts
• Approvals: ENEC, UL, cUL, CQC
• Class X2 (IEC 60384-14)
• Rated voltage: 275 VAC 50/60 Hz
• Capacitance range: 0.01 – 10 µF
• Lead spacing: 10.0 – 37.5 mm
• Capacitance tolerance: ±20%, ±10%
• Climatic category: 40/110/56, IEC 60068–1
• Tape and reel in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
•  Operating temperature range of −40˚C to +110˚C
• 100% screening factory test at 2,200 VDC/1,500 VAC
• Self-healing properties

Applications
    For worldwide use in electromagnetic interference (EMI) suppression in across-the-line applications requiring X2 safety classifcation. Intended for use in situations where capacitor failure would not result in exposure to electric shock. Not for use in "series with mains" type applications.




Similar Part No. - R46KR210000M1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KR34700001K KEMET-R46KR34700001K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.47 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 27.5mm
R46KR347000P0K KEMET-R46KR347000P0K Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KR347000P0M KEMET-R46KR347000P0M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KR347000P1K KEMET-R46KR347000P1K Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KR347000P1M KEMET-R46KR347000P1M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
More results


Similar Description - R46KR210000M1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com