Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8066ARM Datasheet (PDF) - Analog Devices

AD8066ARM Datasheet PDF - Analog Devices
Part # AD8066ARM
Download  AD8066ARM Download

File Size   364.46 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, 145 MHz FastFET??Op Amps

AD8066ARM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8066ARM Datasheet PDF - Analog Devices

Part # AD8066ARM
Download  AD8066ARM Click to download

File Size   364.46 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance, 145 MHz FastFET??Op Amps

AD8066ARM Datasheet (HTML) - Analog Devices

Back Button AD8066ARM Datasheet HTML 1Page - Analog Devices AD8066ARM Datasheet HTML 2Page - Analog Devices AD8066ARM Datasheet HTML 3Page - Analog Devices AD8066ARM Datasheet HTML 4Page - Analog Devices AD8066ARM Datasheet HTML 5Page - Analog Devices AD8066ARM Datasheet HTML 6Page - Analog Devices AD8066ARM Datasheet HTML 7Page - Analog Devices AD8066ARM Datasheet HTML 8Page - Analog Devices AD8066ARM Datasheet HTML 9Page - Analog Devices AD8066ARM Datasheet HTML 10Page - Analog Devices Next Button 

AD8066ARM Product details

GENERAL DESCRIPTION

The AD8065/AD80661 FastFET amplifiers are voltage feedback amplifiers with FET inputs offering high performance and ease of use. The AD8065 is a single amplifier, and the AD8066 is a dual amplifier. These amplifiers are developed in the Analog Devices, Inc. proprietary XFCB process and allow exceptionally low noise operation (7.0 nV/√Hz and 0.6 fA/√Hz) as well as very high input impedance.



FEATURES

FET input amplifier

1 pA input bias current

Low cost

High speed: 145 MHz, −3 dB bandwidth (G = +1)

180 V/µs slew rate (G = +2)

Low noise

  7 nV/√Hz (f = 10 kHz)

  0.6 fA/√Hz (f = 10 kHz)

Wide supply voltage range: 5 V to 24 V

Single-supply and rail-to-rail output

Low offset voltage 1.5 mV max

High common-mode rejection ratio: −100 dB

Excellent distortion specifications

SFDR −88 dB @ 1 MHz

Low power: 6.4 mA/amplifier typical supply current

No phase reversal

Small packaging: SOIC-8, SOT-23-5, and MSOP



APPLICATIONS

Instrumentation

Photodiode preamps

Filters

A/D drivers

Level shifting

Buffering




Similar Part No. - AD8066ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8066ARM AD-AD8066ARM Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8066ARM AD-AD8066ARM Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066ARM-EBZ AD-AD8066ARM-EBZ Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066ARM-REEL AD-AD8066ARM-REEL Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8066ARM-REEL AD-AD8066ARM-REEL Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Similar Description - AD8066ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com