Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9548 Datasheet (PDF) - NXP Semiconductors

PCA9548 Datasheet PDF - NXP Semiconductors
Part # PCA9548
Download  PCA9548 Download

File Size   125.81 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-channel I2C switch with reset

PCA9548 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9548 Datasheet PDF - NXP Semiconductors

Part # PCA9548
Download  PCA9548 Click to download

File Size   125.81 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-channel I2C switch with reset

PCA9548 Datasheet (HTML) - NXP Semiconductors

Back Button PCA9548 Datasheet HTML 1Page - NXP Semiconductors PCA9548 Datasheet HTML 2Page - NXP Semiconductors PCA9548 Datasheet HTML 3Page - NXP Semiconductors PCA9548 Datasheet HTML 4Page - NXP Semiconductors PCA9548 Datasheet HTML 5Page - NXP Semiconductors PCA9548 Datasheet HTML 6Page - NXP Semiconductors PCA9548 Datasheet HTML 7Page - NXP Semiconductors PCA9548 Datasheet HTML 8Page - NXP Semiconductors PCA9548 Datasheet HTML 9Page - NXP Semiconductors PCA9548 Datasheet HTML 10Page - NXP Semiconductors Next Button 

PCA9548 Product details

DESCRIPTION
The PCA9548 is a octal bi-directional translating switch controlled by the I2C-bus. The SCL/SDA upstream pair fans out to eight downstream pairs, or channels. Any individual SCx/SDx channel or combination of channels can be selected, determined by the contents of the programmable Control Register.

FEATURES
• 1-of-8 bi-directional translating switches
• I2C interface logic; compatible with SMBus standards
• Active LOW Reset Input
• 3 address pins allowing up to 8 devices on the I2C-bus
• Channel selection via I2C-bus, in any combination
• Power-up with all switch channels deselected
• Low RdsON switches
• Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
• No glitch on power-up
• Supports hot insertion
• Low stand-by current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 5 V tolerant Inputs
• 0 kHz to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per JESD22-A115 and 1000 V per JESD22-C101
• Latchup testing is done to JESDEC Standard JESD78 which exceeds 100 mA
• Packages offered: SO24, TSSOP24




Similar Part No. - PCA9548

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9548A PHILIPS-PCA9548A Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
logo
Texas Instruments
PCA9548A TI-PCA9548A Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
PCA9548A NXP-PCA9548A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9548A TI-PCA9548A Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
More results


Similar Description - PCA9548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9548APWRG4 TI-PCA9548APWRG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
PCA9548A TI-PCA9548A Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548A PHILIPS-PCA9548A Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
   8-channel I2C-bus switch with reset
logo
Texas Instruments
TCA9548A-Q1 TI1-TCA9548A-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   Automotive 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch With Reset
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
   4-channel I2C switch with reset
2004 Sep 30
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com