Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1033BI2 Datasheet (PDF) - Micrel Semiconductor

DSC1033BI2 Datasheet PDF - Micrel Semiconductor
Part # DSC1033BI2
Download  DSC1033BI2 Download

File Size   819.35 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Power CMOS Oscillator

DSC1033BI2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSC1033BI2 Datasheet PDF - Micrel Semiconductor

Part # DSC1033BI2
Download  DSC1033BI2 Click to download

File Size   819.35 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Power CMOS Oscillator

DSC1033BI2 Datasheet (HTML) - Micrel Semiconductor

DSC1033BI2 Datasheet HTML 1Page - Micrel Semiconductor DSC1033BI2 Datasheet HTML 2Page - Micrel Semiconductor DSC1033BI2 Datasheet HTML 3Page - Micrel Semiconductor DSC1033BI2 Datasheet HTML 4Page - Micrel Semiconductor DSC1033BI2 Datasheet HTML 5Page - Micrel Semiconductor DSC1033BI2 Datasheet HTML 6Page - Micrel Semiconductor DSC1033BI2 Datasheet HTML 7Page - Micrel Semiconductor

DSC1033BI2 Product details

General Description
The DSC1033 is a 3.3V fixed frequency MEMS based PureSilicon™ Oscillator. It can be factory programmed to any frequency from 1 to 150MHz.

Features
● Frequency Range: 1 to 150MHz
● Exceptional Stability over Temperature
    o ±25 PPM, ±50 PPM
● Operating voltage
    o 3.0 to 3.6V
● Operating Temperature Range
    o Industrial -40ºC to 85ºC
    o Ext. Commercial -20ºC to 70ºC
    o Commercial 0ºC to 70ºC
● Low Operating and Standby Current
    o 3mA Operating (40MHz)
    o 1uA Standby
● Ultra Miniature Footprint
    o 2.5 x 2.0 x 0.85 mm
    o 3.2 x 2.5 x 0.85 mm
    o 5.0 x 3.2 x 0.85 mm
    o 7.0 x 5.0 x 0.85 mm
● Excellent Shock and Vibration Resistance
● Lead Free, RoHS & Reach SVHC Compliant

Benefits
● Pin for pin “drop in” replacement for industry standard oscillators
● Semiconductor level reliability, significantly higher than quartz
● Short mass production lead-times
● Longer Battery Life / Reduced Power
● Compact Plastic package
● Cost Effective

Applications
● Mobile Applications
● Consumer Electronics
● Portable Electronics
● CCD Clock for VTR Cameras
● Low Profile Applications
● Industrial




Similar Part No. - DSC1033BI2

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1030 MICREL-DSC1030 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AC1 MICREL-DSC1030AC1 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AC2 MICREL-DSC1030AC2 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AE1 MICREL-DSC1030AE1 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1030AE2 MICREL-DSC1030AE2 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
More results


Similar Description - DSC1033BI2

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1028 MICREL-DSC1028 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
logo
Golledge Electronics Lt...
OV1564C2 GOLLEDGE-OV1564C2 Datasheet
59Kb / 1P
   CMOS Oscillator Low Power
MCSO1EL GOLLEDGE-MCSO1EL Datasheet
138Kb / 1P
   CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_16 Datasheet
124Kb / 1P
   CMOS Oscillator Low Power
logo
Micrel Semiconductor
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
DSC1018 MICREL-DSC1018 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
logo
Golledge Electronics Lt...
GXO-4301 GOLLEDGE-GXO-4301 Datasheet
90Kb / 2P
   Low Power CMOS Oscillator
GXO-4301 GOLLEDGE-GXO-4301_08 Datasheet
85Kb / 2P
   Low Power CMOS Oscillator
logo
Micrel Semiconductor
DSC1030 MICREL-DSC1030 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com