Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF52 Datasheet (PDF) - Diode Semiconductor Korea

SF52 Datasheet PDF - Diode Semiconductor Korea
Part # SF52
Download  SF52 Download

File Size   340.61 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SUPER FAST RECTIFIERS

SF52 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF52 Datasheet PDF - Diode Semiconductor Korea

Part # SF52
Download  SF52 Click to download

File Size   340.61 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SUPER FAST RECTIFIERS

SF52 Datasheet (HTML) - Diode Semiconductor Korea

SF52 Datasheet HTML 1Page - Diode Semiconductor Korea SF52 Datasheet HTML 2Page - Diode Semiconductor Korea

SF52 Product details

VOLTAGE RANGE: 50 --- 600 V
CURRENT: 5.0 A

FEATURES
◇ Low cost
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with alcohol,Isopropanol and similar solvents
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - SF52

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF52 MOSPEC-SF52 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Rugao Dachang Electroni...
SF52 DACHANG-SF52 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
DAESAN ELECTRONIC CORP.
SF52 DAESAN-SF52 Datasheet
299Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
logo
Nantong Hornby Electron...
SF52 HORNBY-SF52 Datasheet
264Kb / 3P
   SUPERFAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
SF52 PFS-SF52 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Similar Description - SF52

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com