Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2045CSZ-T7 Datasheet (PDF) - Intersil Corporation

EL2045CSZ-T7 Datasheet PDF - Intersil Corporation
Part # EL2045CSZ-T7
Download  EL2045CSZ-T7 Download

File Size   279.28 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Power 100MHz Gain-of-2 Stable Operational Amplifier

EL2045CSZ-T7 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2045CSZ-T7 Datasheet PDF - Intersil Corporation

Part # EL2045CSZ-T7
Download  EL2045CSZ-T7 Click to download

File Size   279.28 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Power 100MHz Gain-of-2 Stable Operational Amplifier

EL2045CSZ-T7 Datasheet (HTML) - Intersil Corporation

EL2045CSZ-T7 Datasheet HTML 1Page - Intersil Corporation EL2045CSZ-T7 Datasheet HTML 2Page - Intersil Corporation EL2045CSZ-T7 Datasheet HTML 3Page - Intersil Corporation EL2045CSZ-T7 Datasheet HTML 4Page - Intersil Corporation EL2045CSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL2045CSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL2045CSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL2045CSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL2045CSZ-T7 Datasheet HTML 9Page - Intersil Corporation EL2045CSZ-T7 Datasheet HTML 10Page - Intersil Corporation

EL2045CSZ-T7 Product details

The EL2045 is a high speed, low power, low cost monolithic operational amplifier built on Elantecs proprietary complementary bipolar process. The EL2045 is gain-of-2 stable and features a 275V/µs slew rate and 100MHz gain bandwidth at gain-of-2 while requiring only 5.2mA of supply current.
The power supply operating range of the EL2045 is from ±18V down to as little as ±2V. For single-supply operation, the EL2045 operates from 36V down to as little as 2.5V. The excellent power supply operating range of the EL2045 makes it an obvious choice for applications on a single +5V or +3V supply.
The EL2045 also features an extremely wide output voltage swing of ±13.6V with VS = ±15V and RL = 1kΩ. At ±5V, output voltage swing is a wide ±3.8V with RL = 500Ω and ±3.2V with RL = 150Ω. Furthermore, for single-supply operation at +5V, output voltage swing is an excellent 0.3V to 3.8V with RL = 500Ω.
At a gain of +2, the EL2045 has a -3dB bandwidth of 100MHz with a phase margin of 50°. Because of its conventional voltage-feedback topology, the EL2045 allows the use of reactive or non-linear elements in its feedback network. This versatility combined with low cost and 75mA of output-current drive makes the EL2045 an ideal choice for price-sensitive applications requiring low power and high speed.

Features
• 100MHz gain-bandwidth at gain-of-2
• Gain-of-2 stable
• Low supply current - 5.2mA at VS = ±15V
• Wide supply range - ±2V to ±18V dual-supply and 2.5V to 36V single-supply
• High slew rate - 275V/µs
• Fast-settling - 80ns to 0.1% for a 10V step
• Low differential gain - 0.02% at AV = +2, RL = 150Ω
• Low differential phase - 0.07° at AV = +2, RL = 150Ω
• Wide output voltage swing - ±13.6V with VS = ±15V,
   RL = 1kΩ and 3.8V/0.3V with VS = +5V, RL = 500Ω
• Pb-Free available (RoHS compliant)

Applications
• Video amplifiers
• Single-supply amplifiers
• Active filters/integrators
• High speed sample-and-hold
• High speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
• Photo multiplier amplifiers
• Difference amplifiers




Similar Part No. - EL2045CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2045CSZ-T7 RENESAS-EL2045CSZ-T7 Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
More results


Similar Description - EL2045CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2045C ELANTEC-EL2045C Datasheet
306Kb / 12P
   Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
EL2245C ELANTEC-EL2245C Datasheet
450Kb / 14P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
logo
Intersil Corporation
EL2445 INTERSIL-EL2445 Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
EL2074 INTERSIL-EL2074 Datasheet
227Kb / 10P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2074C ELANTEC-EL2074C Datasheet
400Kb / 12P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2075 INTERSIL-EL2075 Datasheet
174Kb / 8P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Intersil Corporation
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com