Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR152 Datasheet (PDF) - SUNMATE electronic Co., LTD

FR152 Datasheet PDF - SUNMATE electronic Co., LTD
Part # FR152
Download  FR152 Download

File Size   252.7 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description FAST RECOVER Y RECTIFIER DIODES

FR152 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR152 Datasheet PDF - SUNMATE electronic Co., LTD

Part # FR152
Download  FR152 Click to download

File Size   252.7 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description FAST RECOVER Y RECTIFIER DIODES

FR152 Datasheet (HTML) - SUNMATE electronic Co., LTD

FR152 Datasheet HTML 1Page - SUNMATE electronic Co., LTD FR152 Datasheet HTML 2Page - SUNMATE electronic Co., LTD

FR152 Product details

VOLTAGE RANGE: 50 - 1000V

CURRENT: 1.5 A



Features

• Low Reverse Recovery Time (Trr)

• Low Reverse Current

• Low Forward Voltage Drop

• High Current Capability

• Plastic Material: UL Flammability Classification Rating 94V-0



 




Similar Part No. - FR152

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR152 WTE-FR152 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR152 CHENDA-FR152 Datasheet
588Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
FR152 GULFSEMI-FR152 Datasheet
466Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
logo
Leshan Radio Company
FR152 LRC-FR152 Datasheet
50Kb / 2P
   1.5A FAST RECOVERY DIODES
logo
Sangdest Microelectroni...
FR152 SMC-FR152 Datasheet
175Kb / 4P
   FAST RECOVERY RECTIFIERS
More results


Similar Description - FR152

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Summit Microelectronics...
1F10F SUMMIT-1F10F Datasheet
461Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
   FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com