Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3AB Datasheet (PDF) - Diode Semiconductor Korea

S3AB Datasheet PDF - Diode Semiconductor Korea
Part # S3AB
Download  S3AB Download

File Size   138.03 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SURFACE MOUNT RECTIFIERS

S3AB Datasheet (PDF)

Go To PDF Page Download Datasheet
S3AB Datasheet PDF - Diode Semiconductor Korea

Part # S3AB
Download  S3AB Click to download

File Size   138.03 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SURFACE MOUNT RECTIFIERS

S3AB Datasheet (HTML) - Diode Semiconductor Korea

S3AB Datasheet HTML 1Page - Diode Semiconductor Korea S3AB Datasheet HTML 2Page - Diode Semiconductor Korea

S3AB Product details

REVERSE VOLTAGE: 50 --- 1000 V CURRENT: 3.0 A

FEATURES
◇ Plastic package has underwriters laboratory
   flammability classification 94V-0
◇ For surface mounted applications
◇ Glass passivated chip junction
◇ Built-in strain relief,ideal for automated placement
◇ High temperature soldering:
   250°C/10 seconds at terminals
◇ Low profile package




Similar Part No. - S3AB

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S3AB TMT-S3AB Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
logo
Diodes Incorporated
S3AB DIODES-S3AB Datasheet
48Kb / 2P
   3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
SAMYANG ELECTRONICS CO....
S3AB SAMYANG-S3AB Datasheet
437Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotech Company.
S3AB DIOTECH-S3AB Datasheet
701Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Diodes Incorporated
S3AB DIODES-S3AB Datasheet
248Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Similar Description - S3AB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com