Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER601 Datasheet (PDF) - SUNMATE electronic Co., LTD

HER601 Datasheet PDF - SUNMATE electronic Co., LTD
Part # HER601
Download  HER601 Download

File Size   323.5 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description HIGH EFFICIENCY RECTIFIER DIODES

HER601 Datasheet (PDF)

Go To PDF Page Download Datasheet
HER601 Datasheet PDF - SUNMATE electronic Co., LTD

Part # HER601
Download  HER601 Click to download

File Size   323.5 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description HIGH EFFICIENCY RECTIFIER DIODES

HER601 Datasheet (HTML) - SUNMATE electronic Co., LTD

HER601 Datasheet HTML 1Page - SUNMATE electronic Co., LTD HER601 Datasheet HTML 2Page - SUNMATE electronic Co., LTD

HER601 Product details

VOLTAGE RANGE: 50 - 1000V

CURRENT: 6.0 A



Features

• High Surge Current Capability

• Low Leakage and Forward Voltage Drop

• Plastic Material - UL Flammability Classification 94V-0

• Low Power Loss, High Efficiency



 




Similar Part No. - HER601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER601 WTE-HER601 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER601 JINGHENG-HER601 Datasheet
66Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601 Datasheet
754Kb / 2P
   6.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Nanjing International G...
HER601 DGNJDZ-HER601 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Rugao Dachang Electroni...
HER601 DACHANG-HER601 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 6.0A
More results


Similar Description - HER601

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
HER301 SUNMATE-HER301 Datasheet
289Kb / 2P
   HIGH EFFICIENCY RECTIFIER DIODES
RG10Y SUNMATE-RG10Y Datasheet
299Kb / 2P
   HIGH EFFICIENCY RECTIFIER DIODES
RU4M SUNMATE-RU4M Datasheet
336Kb / 2P
   HIGH EFFICIENCY RECTIFIER DIODES
RU4D SUNMATE-RU4D Datasheet
445Kb / 2P
   HIGH EFFICIENCY RECTIFIER DIODES
HER601S SUNMATE-HER601S Datasheet
287Kb / 2P
   HIGH EFFICIENCY RECTIFIER DIODES
HER501 SUNMATE-HER501 Datasheet
305Kb / 2P
   HIGH EFFICIENCY RECTIFIER DIODES
HER201 SUNMATE-HER201 Datasheet
362Kb / 2P
   HIGH EFFICIENCY RECTIFIER DIODES
BYT13-600 SUNMATE-BYT13-600 Datasheet
249Kb / 1P
   HIGH EFFICIENCY RECTIFIER DIODES
HER101 SUNMATE-HER101 Datasheet
285Kb / 2P
   HIGH EFFICIENCY RECTIFIER DIODES
logo
Diode Semiconductor Kor...
RN2ZZ DSK-RN2ZZ Datasheet
259Kb / 2P
   HIGH EFFICIENCY RECTIFIER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com