Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF150M Datasheet (PDF) - Diode Semiconductor Korea

DF150M Datasheet PDF - Diode Semiconductor Korea
Part # DF150M
Download  DF150M Download

File Size   181.64 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SILICON BRIDGE RECTIFIERS

DF150M Datasheet (PDF)

Go To PDF Page Download Datasheet
DF150M Datasheet PDF - Diode Semiconductor Korea

Part # DF150M
Download  DF150M Click to download

File Size   181.64 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SILICON BRIDGE RECTIFIERS

DF150M Datasheet (HTML) - Diode Semiconductor Korea

DF150M Datasheet HTML 1Page - Diode Semiconductor Korea DF150M Datasheet HTML 2Page - Diode Semiconductor Korea

DF150M Product details

VOLTAGE RANGE: 50 --- 1000 V CURRENT: 1.5 A

FEATURES
◇ Rating to 1000V PRV
◇ Surge overload rating to 50 Amperes peak
◇ Glass passivated chip junctions
◇ Reliable low cost construction utilizing molded plastic technique results in inexpensive product
◇ Lead solderable per MIL-STD-202 method 208
◇ Lead: silver plated copper, solderde plated
◇ Plastic material has UL flammability classification 94V-O
◇ Polarity symbols molded on body
◇ Weight: 0.02 ounces,0.38 grams




Similar Part No. - DF150M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DF150M LUGUANG-DF150M Datasheet
165Kb / 2P
   Silicon Bridge Rectifiers
More results


Similar Description - DF150M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com